Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C971VCW Datasheet(PDF) 42 Page - Advanced Micro Devices

Part # AM79C971VCW
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW Datasheet(HTML) 42 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 38Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 39Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 40Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 41Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 42Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 43Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 44Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 45Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 46Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 265 page
background image
42
Am79C971
Figure 17.
Disconnect Without Data Transfer
RTABORT (PCI Status register, bit 12) will be set to
indicate that the Am79C971 controller has received a
target abort. In addition, SINT (CSR5, bit 11) will be set
to 1. When SINT is set, INTA is asserted if the enable
bit SINTE (CSR5, bit 10) is set to 1. This mechanism
can be used to inform the driver of the system error. The
host can read the PCI Status register to determine the
exact cause of the interrupt.
Master Initiated Termination
There are three scenarios besides normal completion
of a transaction where the Am79C971 controller will
terminate the cycles it produces on the PCI bus.
Preemption During Non-Burst Transaction
When the Am79C971 controller performs multiple non-
burst transactions, it keeps REQ asserted until the as-
sertion of FRAME for the last transaction. When GNT
is removed, the Am79C971 controller will finish the cur-
rent transaction and then release the bus. If it is not the
last transaction, REQ will remain asserted to regain
bus ownership as soon as possible. See Figure 19.
Preemption During Burst Transaction
When the Am79C971 controller operates in burst
mode, it only performs a single transaction per bus
mastership period, where transaction is defined as one
address phase and one or multiple data phases. The
central arbiter can remove GNT at any time during the
transaction. The Am79C971 controller will ignore the
deassertion of GNT and continue with data transfers,
as long as the PCI Latency Timer is not expired. When
the Latency Timer is 0 and GNT is deasserted, the
Am79C971 controller will finish the current data phase,
deassert FRAME, finish the last data phase, and re-
lease the bus. If EXTREQ (BCR18, bit 8) is cleared to
0, it will immediately assert REQ to regain bus owner-
ship as soon as possible. If EXTREQ is set to 1, REQ
will stay asserted.
FRAME
CLK
AD
IRDY
TRDY
C/BE
DEVSEL
REQ
GNT
PAR
DEVSEL is sampled
STOP
ADDRi
0000
0111
PAR
0111
2
3456789
11
10
ADDRi
DATA
PAR
1
20550D-20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com