Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C971VCW Datasheet(PDF) 66 Page - Advanced Micro Devices

Part # AM79C971VCW
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW Datasheet(HTML) 66 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 62Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 63Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 64Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 65Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 66Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 67Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 68Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 69Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 70Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 265 page
background image
66
Am79C971
Receive Operation
The receive operation and features of the Am79C971
controller are controlled by programmable options. The
Am79C971 controller offers a large receive FIFO to
provide frame buffering for increased system latency,
automatic flushing of collision fragments (runt packets),
automatic receive pad stripping, and a variety of ad-
dress match options.
Receive Function Programming
Automatic pad field stripping is enabled by setting the
ASTRP_RCV bit in CSR4. This can provide flexibility in
the reception of messages using the IEEE 802.3 frame
format.
All receive frames can be accepted by setting the
PROM bit in CSR15. Acceptance of unicast and broad-
cast frames can be individually turned off by setting the
DRCVPA or DRCVBC bits in CSR15. The Physical Ad-
dress register (CSR12 to CSR14) stores the address
that the Am79C971 controller compares to the destina-
tion address of the incoming frame for a unicast ad-
dress match. The Logical Address Filter register
(CSR8 to CSR11) serves as a hash filter for multicast
address match.
The point at which the BMU will start to transfer data
from the receive FIFO to buffer memory is controlled by
the RCVFW bits in CSR80. The default established
during H_RESET is 01b, which sets the watermark flag
at 64 bytes filled.
For test purposes, the Am79C971 controller can be
programmed to accept runt packets by setting RPA in
CSR124.
Address Matching
The Am79C971 controller supports three types of ad-
dress matching: unicast, multicast, and broadcast. The
normal address matching procedure can be modified
by programming three bits in CSR15, the mode register
(PROM, DRCVPA, and DRCVBC).
If the first bit received after the SFD (the least signifi-
cant bit of the first byte of the destination address field)
is 0, the frame is unicast, which indicates that the frame
is meant to be received by a single node. If the first bit
received is 1, the frame is multicast, which indicates
that the frame is meant to be received by a group of
nodes. If the destination address field contains all 1s,
the frame is broadcast, which is a special type of multi-
cast. Frames with the broadcast address in the destina-
tion address field are meant to be received by all nodes
on the local area network.
When a unicast frame arrives at the Am79C971 con-
troller, the controller will accept the frame if the destina-
tion address field of the incoming frame exactly
matches the 6-byte station address stored in the Phys-
ical Address registers (PADR, CSR12 to CSR14). The
byte ordering is such that the first byte received from
the network (after the SFD) must match the least signif-
icant byte of CSR12 (PADR[7:0]), and the sixth byte re-
ceived must match the most significant byte of CSR14
(PADR[47:40]).
When DRCVPA (CSR15, bit 13) is set to 1, the
Am79C971 controller will not accept unicast frames.
If the incoming frame is multicast, the Am79C971 con-
troller performs a calculation on the contents of the
destination address field to determine whether or not to
accept the frame. This calculation is explained in the
section that describes the Logical Address Filter
(LADRF).
When all bits of the LADRF registers are 0, no multicast
frames are accepted, except for broadcast frames.
Although broadcast frames are classified as special
multicast frames, they are treated differently by the
Am79C971 controller hardware. Broadcast frames are
always accepted, except when DRCVBC (CSR15, bit
14) is set.
None of the address filtering described above applies
when the Am79C971 controller is operating in the pro-
miscuous mode. In the promiscuous mode, all properly
formed packets are received, regardless of the con-
tents of their destination address fields. The promiscu-
ous mode overrides the Disable Receive Broadcast bit
(DRCVBC bit l4 in the MODE register) and the Disable
Receive Physical Address bit (DRCVPA, CSR15, bit
13).
The Am79C971 controller operates in promiscuous
mode when PROM (CSR15, bit 15) is set.
In addition, the Am79C971 controller provides the Ex-
ternal Address Detection Interface (EADI) to allow ex-
ternal address filtering. See the section External
Address Detection Interface for further detail.
The receive descriptor entry RMD1 contains three bits
that indicate which method of address matching
caused the Am79C971 controller to accept the frame.
Note that these indicator bits are only available when
the Am79C971 controller is programmed to use 32-bit
structures for the descriptor entries (BCR20, bit 7-0,
SWSTYLE is set to 2 or 3).
PAM (RMD1, bit 22) is set by the Am79C971 controller
when it accepted the received frame due to a match of
the frame’s destination address with the content of the
physical address register.
LAFM (RMD1, bit 21) is set by the Am79C971 control-
ler when it accepted the received frame based on the
value in the logical address filter register.
BAM (RMD1, bit 20) is set by the Am79C971 controller
when it accepted the received frame because the
frame’s destination address is of the type ’Broadcast’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com