Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530H Datasheet(PDF) 27 Page - Advanced Micro Devices

Part # AM8530H
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530H Datasheet(HTML) 27 Page - Advanced Micro Devices

Back Button AM8530H Datasheet HTML 23Page - Advanced Micro Devices AM8530H Datasheet HTML 24Page - Advanced Micro Devices AM8530H Datasheet HTML 25Page - Advanced Micro Devices AM8530H Datasheet HTML 26Page - Advanced Micro Devices AM8530H Datasheet HTML 27Page - Advanced Micro Devices AM8530H Datasheet HTML 28Page - Advanced Micro Devices AM8530H Datasheet HTML 29Page - Advanced Micro Devices AM8530H Datasheet HTML 30Page - Advanced Micro Devices AM8530H Datasheet HTML 31Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 194 page
background image
System Interface
AMD
2–9
Table 2–3. Enhancement Options
WR15 bit D2
WR15 D0
WR7
′ bit D6
10x19-bit
SDLC/HDLC
Extended
FIFO Enabled Enhance Enabled
Read Enable
Functions Enabled
1
0
x
10x19-bit FIFO enhancement
enabled only
0
1
0
SDLC/HDLC enhancements
enabled only
0
1
1
SDLC/HDLC enhancements
enabled with extended read
enabled
1
1
0
10x19-bit FIFO and SDLC/
HDLC enhancements enabled
1
1
1
10x19-bit FIFO and SDLC/
HDLC enhancements with
extended read enabled
Bit D0 of WR15 determines whether or not other enhancements pertinent only to SDLC/
HDLC Mode operation are available for programming via WR7
′ as shown below. Write
Register 7 prime (WR7
′ ) can be written to when bit D0 of WR15 is set to ‘1’. When this
bit is set, writing to WR7 (flag register) actually writes to WR7
′. If bit D6 of this register is
set to ‘1’, previously unreadable registers WR3, WR4, WR5, WR10 are readable by the
processor. In addition, WR7
′ is also readable by having this bit set. WR3 is read when a
bogus RR9 register is accessed during a read cycle, WR10 is read by accessing RR11,
and WR7
′ is accessed by executing a read to RR14. The Am85C30 register map with bit
D0 of WR15 and bit D6 of WR7
′ set is shown in Table 2–5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com