Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530H Datasheet(PDF) 57 Page - Advanced Micro Devices

Part # AM8530H
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530H Datasheet(HTML) 57 Page - Advanced Micro Devices

Back Button AM8530H Datasheet HTML 53Page - Advanced Micro Devices AM8530H Datasheet HTML 54Page - Advanced Micro Devices AM8530H Datasheet HTML 55Page - Advanced Micro Devices AM8530H Datasheet HTML 56Page - Advanced Micro Devices AM8530H Datasheet HTML 57Page - Advanced Micro Devices AM8530H Datasheet HTML 58Page - Advanced Micro Devices AM8530H Datasheet HTML 59Page - Advanced Micro Devices AM8530H Datasheet HTML 60Page - Advanced Micro Devices AM8530H Datasheet HTML 61Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 194 page
background image
Data Communication Modes Functional Description
AMD
4–5
and provides the mechanism by which character synchronization is established at a re-
ceiver. Since data between flags may contain the flag pattern, the sequence of six con-
secutive one bits is prevented from occurring through a process called zero-bit insertion,
in which the transmitter inserts a zero bit after any five consecutive one bits. Likewise, the
receiver deletes any zero bit that follows five consecutive one bits in the bit stream be-
tween the opening and closing flag of a frame.
SYNC
DATA
CRC
Figure 4–2. MONOSYNC Format
SYN
HEADER
TEXT
EXT
OR
ETB
BCC
SYN
SOH
STX
DIRECTION OF SERIAL DATA FLOW
BCC = Block Checking Calculation
Figure 4–3. BISYNC Format
BEGINNING
FLAG
01111110
8 BITS
ADDRESS
8 BITS
FRAME
CHECK
16 BITS
CONTROL
8 BITS
INFORMATION
ANY NUMBER
OF BITS
FRAME
ENDING
FLAG
01111110
8 BITS
Figure 4–4. SDLC/HDLC Frame Format
The Frame Check Sequence (FCS) is 16 bits long and contains the generated CRC for
the frame. All data transmitted between the opening and closing flags (excluding inserted
zeros) are included in the CRC calculation. The generator polynomial used in SDLC is the
CCITT polynomial, X16 + X12 + X5 + 1.
Since the information field may contain any number of bits and not necessarily an integral
number of 8-bit characters, the end of a frame is determined by counting back 16 bits
from the closing flag of a frame.
In the sections that follow, the term “Synchronous mode(s)” will be used to refer to either
BISYNC and/or MONOSYNC modes, and SDLC mode will be used when referring to nor-
mal SDLC operation. SDLC Loop mode will be referred to as either Loop mode or SDLC
Loop mode.
4.3
MODE SELECTION
The mode that an SCC channel operates in is selected by programming WR4 as shown
below. Note that the ‘x’s indicate a don’t care condition (i.e., bit setting are ignored by
SCC) and ‘?’s indicate programmable settings.
Note that bits D7 and D6 of WR4 are ignored in SDLC and Synchronous modes because
the x1 clock is forced internally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com