Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530H Datasheet(PDF) 85 Page - Advanced Micro Devices

Part # AM8530H
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530H Datasheet(HTML) 85 Page - Advanced Micro Devices

Back Button AM8530H Datasheet HTML 81Page - Advanced Micro Devices AM8530H Datasheet HTML 82Page - Advanced Micro Devices AM8530H Datasheet HTML 83Page - Advanced Micro Devices AM8530H Datasheet HTML 84Page - Advanced Micro Devices AM8530H Datasheet HTML 85Page - Advanced Micro Devices AM8530H Datasheet HTML 86Page - Advanced Micro Devices AM8530H Datasheet HTML 87Page - Advanced Micro Devices AM8530H Datasheet HTML 88Page - Advanced Micro Devices AM8530H Datasheet HTML 89Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 194 page
background image
Data Communication Modes Functional Description
AMD
4–33
via bit D4 in WR3. The Enter Hunt Mode bit in WR3 is a command so writing a ‘0’ to it has
no effect.
In Synchronous modes, once character synchronization has been established, Hunt
mode is terminated and must remain so until the end of message has been received. At
this point, the Enter Hunt Mode command can be re-issued for the next message. Issuing
this command prematurely can lead to false character synchronization. Thus, the SYNC/
HUNT status bit in RR0 will be set only when the Enter Hunt Mode command is issued.
The Hunt status of the Receiver is reported in the SYNC/HUNT status bit in RR0 (D4).
This status bit is one of the possible sources of External/Status interrupts, with both tran-
sitions causing an interrupt. This is true even if the SYNC/HUNT bit is set as a result of
the processor issuing the Enter Hunt Mode command.
While in Hunt mode, the receiver path used in establishing character synchronization will
depend on the mode selected. In either case, however, synchronization will be estab-
lished at the beginning of each transmission either through a two character (BISYNC) or a
single character (MONOSYNC) synchronizing pattern. When character synchronization is
established Hunt mode is terminated and the receiver stops scanning the communication
line for the synchronizing pattern. At this point data passes to the Receive Shift Register
and characters are formed by assembling the proper number of consecutive bits following
the synchronizing pattern before being transferred into the Receive Data FIFO.
4.10.1.1
SYNC Detect Output
In Synchronous modes, except External SYNC mode, if bit D7 of WR11 is set to ‘0’, the
SYNC pin will be configured as an output and the SCC will drive it Low every time a sync
character is detected in the data stream. Note, however, that the SYNC pin is activated
regardless of character boundaries so any external circuitry using it in Synchronous
modes should respond only to the SYNC pulse that occurs while the receiver is in Hunt
mode. The timing for the SYNC signal is shown in Figure 4–20.
4.10.1.1.1
MONOSYNC Mode
The message format for MONOSYNC is shown in Figure 4–21. In this mode, the incom-
ing data are clocked into the Receive Sync Register and compared with the contents of
WR7 on a bit-by-bit basis until a sync character is found. When a sync character is found,
character synchronization is established and data passes to the Receive Shift Register.
In this mode, WR6 is always used to open a message being transmitted, and as time fill
when the transmitter has nothing to send.
4.10.1.1.2
BISYNC Mode
The BISYNC message format is shown in Figure 4–22. In this mode, the synchronization
procedure is similar to that of MONOSYNC except that two sync characters are used for
character synchronization instead of one. In this mode, incoming data are shifted into the
Receive Shift Register while the next eight bits are assembled in the Receive Sync Regis-
ter. If these two characters match the programmed characters in WR6 and WR7, respec-
tively, synchronization is established and the incoming data bypasses the Receive Sync
Register and enters the 3-bit delay directly.
In this mode, the concatenation of WR6 with WR7 is always used during transmit and re-
ceive operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com