Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530H Datasheet(PDF) 37 Page - Advanced Micro Devices

Part # AM8530H
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530H Datasheet(HTML) 37 Page - Advanced Micro Devices

Back Button AM8530H Datasheet HTML 33Page - Advanced Micro Devices AM8530H Datasheet HTML 34Page - Advanced Micro Devices AM8530H Datasheet HTML 35Page - Advanced Micro Devices AM8530H Datasheet HTML 36Page - Advanced Micro Devices AM8530H Datasheet HTML 37Page - Advanced Micro Devices AM8530H Datasheet HTML 38Page - Advanced Micro Devices AM8530H Datasheet HTML 39Page - Advanced Micro Devices AM8530H Datasheet HTML 40Page - Advanced Micro Devices AM8530H Datasheet HTML 41Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 194 page
background image
I/O Programming Functional Description
AMD
3–6
3.5
INTERRUPT OPERATIONS
Interrupts from the SCC may be acknowledged with a vector, acknowledged without a
vector, or not acknowledged at all. WR2 is used to hold the interrupt vector returned dur-
ing an interrupt acknowledge cycle. This vector register can be shared among multiple
interrupt sources; some bits of the vector can be encoded with information that identifies
the interrupt source.
Three bits in WR9 determine whether or not a vector is placed on the bus and whether or
not status is included. The Vector Includes Status (VIS) bit (D0) enables status informa-
tion to be included in the vector, the Status High/Status Low bit (D4) determines which
bits of the vector are encoded as shown in Figure 3–2, and the No Vector (NV) bit (D1)
enables or disables placing the vector on the bus in response to an interrupt acknowledge
cycle.
V3
V2
V1
Status High/Status Low = 0
V4
V5
V6
Status High/Status Low = 1
0
0
0
Ch B Transmit Buffer Empty
0
0
1
Ch B External/Status Change
0
1
0
Ch B Receive Character Available
0
1
1
Ch B Special Receive Condition
1
0
0
Ch A Transmit Buffer Empty
1
0
1
Ch A External/Status Change
1
1
0
Ch A Receive Character Available
1
1
1
Ch A Special Receive Condition
Figure 3–2. Interrupt Vector Modification
In addition, the SCC can share a common interrupt request line to the processor. An ex-
ternal interrupt priority daisy chain, constructed using IEI and IEO on each SCC, is used
to resolve contention when multiple SCC devices share an interrupt request line. This ca-
pability eliminates the need for separate interrupt controllers. An interrupt acknowledge
cycle that includes the generation of an explicit Interrupt Acknowledge signal (
INTACK) is
used to select the highest priority SCC asserting
INT. Figure 3–3 shows a typical arrange-
ment for four SCCs, labeled A through D, on the daisy chain, where A has the highest
priority and D has the lowest priority.
3.5.1
Multiple Interrupt Priority Resolution
The SCC has an internal priority resolution method to allow the highest priority interrupt to
be serviced first. It uses a daisy chain technique of priority interrupt control whereby other
SCC devices are connected together via an external interrupt daisy chain formed with
their Interrupt Enable Input (IEI) and Interrupt Enable Output (IEO) pins. The six interrupt
sources within each SCC are similarly chained together as shown in Figure 3–4 with
Channel A interrupts being higher-priority than any Channel B interrupts, and with the Re-
ceiver, Transmitter, and External/Status interrupts prioritized in that order within each
channel. The overall effect is a daisy chain connecting all internal and external interrupt
sources that allows higher priority interrupt sources to pre-empt lower priority sources
and, in the case of simultaneous interrupt requests, determines which request will be ac-
knowledged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com