Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530H Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # AM8530H
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530H Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button AM8530H Datasheet HTML 9Page - Advanced Micro Devices AM8530H Datasheet HTML 10Page - Advanced Micro Devices AM8530H Datasheet HTML 11Page - Advanced Micro Devices AM8530H Datasheet HTML 12Page - Advanced Micro Devices AM8530H Datasheet HTML 13Page - Advanced Micro Devices AM8530H Datasheet HTML 14Page - Advanced Micro Devices AM8530H Datasheet HTML 15Page - Advanced Micro Devices AM8530H Datasheet HTML 16Page - Advanced Micro Devices AM8530H Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 194 page
background image
General Information
AMD
1–5
1.3
BLOCK DIAGRAM
Figure 1–1 depicts the block diagram of the Am8530H and Figure 1–2 the block diagram
of the Am85C30. Data being received enters the receive data pins and follows one of
several data paths, depending on the state of the control logic. The contents of the regis-
ters and the state of the external control pins establish the internal control logic. Transmit-
ted data follows a similar pattern of control, register, and external pin definition.
Baud
Rate
Gen
A
Channel
A
Ch A
Reg
Int
Cont
Logic
Discrete
Control and
Status A
Discrete
Control and
Status B
Channel
B
CP
Bus
I/O
Ch B
Reg
Int
Cont
Logic
Baud
Rate
Gen
B
Serial
Data
Wait/Request
SYNC
Channel Clocks
Modem, DMA,
or
Other Controls
Modem, DMA,
or
Other Controls
Serial
Data
Wait/ Request
SYNC
Channel Clocks
5
8
Internal Bus
Int
Cont
Lines
Cont
Data
07513C-001A
Figure 1–1. Am8530H Block Diagram
CPU
Bus I/O
Internal
Control
Logic
Interrupt
Control
Logic
Channel A
Registers
Channel B
Registers
Baud
Rate
Generator
10 x 19-Bit
Frame
Status
FIFO
Transmitter/
Receiver
Control
Logic
TxDA
RxDA
RTxCA
TRxCA
SYNCA
RTSA
CTSA
DCDA
Channel B
TxDB
RxDB
RTxCB
SYNCB
RTSB
CTSB
DCDB
TRxCB
Channel A
Data
Control
5
8
Interrupt
Control
Lines
Internal Bus
+5 V GND PCLK
10216A-001A
Figure 1–2. Am85C30 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com