Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530H Datasheet(PDF) 46 Page - Advanced Micro Devices

Part # AM8530H
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530H Datasheet(HTML) 46 Page - Advanced Micro Devices

Back Button AM8530H Datasheet HTML 42Page - Advanced Micro Devices AM8530H Datasheet HTML 43Page - Advanced Micro Devices AM8530H Datasheet HTML 44Page - Advanced Micro Devices AM8530H Datasheet HTML 45Page - Advanced Micro Devices AM8530H Datasheet HTML 46Page - Advanced Micro Devices AM8530H Datasheet HTML 47Page - Advanced Micro Devices AM8530H Datasheet HTML 48Page - Advanced Micro Devices AM8530H Datasheet HTML 49Page - Advanced Micro Devices AM8530H Datasheet HTML 50Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 194 page
background image
I/O Programming Functional Description
AMD
3–15
3.8.4
Tx Underrun/EOM
The Tx Underrun/EOM status bit is used in SDLC and Synchronous modes of operation
to control the transmission of CRC characters. This bit is set to ‘1’ when the Transmit
Buffer and Transmit Shift Register go empty and is reset to ‘0’ by issuing the Reset
Transmit Underrun/EOM command in WR0. Only the Low-to-High transition of this bit will
cause the latches to close and, if the Tx Underrun/EOM IE bit in WR15 (D6) is set to ‘1’,
cause an External/Status Interrupt to be generated.
This status bit is always set to ‘1’ in Asynchronous mode unless a Reset Transmit Under-
run/EOM command is erroneously issued. In this case, the Send Abort Command can be
used to set this bit to ‘1’ and, at the same time, cause an External/Status Interrupt.
Note that this bit will be set to ‘1’ when either of the following occurs; 1) a Send Abort
command is issued, 2) the transmitter is disabled, or 3) a Channel or Hardware Reset is
executed.
3.8.5
Clear to Send
The
CTS Status bit reports the state of the CTS input pin the last time any of the enabled
External/Status bits changed. Any transition on the
CTS pin, while no other interrupts are
pending, latches the state of the
CTS pin and generates an External/Status interrupt if the
CTS IE bit in WR15 is set to ‘1’. However, only an odd number of transitions on the CTS
pin while another External/Status is pending will cause an External/Status interrupt after
the Reset External/Status Interrupt command is issued.
If the
CTS IE bit is reset, the CTS status merely reports the current inverted unlatched
state of the
CTS pin; that is, if the CTS pin is Low, the CTS status bit will be High.
Note that after the Reset External/Status Interrupt command is issued, if the latches were
closed, they will close again if there was an odd number of transitions on the
CTS pin;
they will remain open if there was an even number of transitions on the input pin.
3.8.6
Data Carrier Detect
The DCD Status bit reports the state of the
DCD input pin the last time any of the enabled
External/Status bits changed. Any transition on the
DCD pin, while no other interrupts are
pending, latches the state of the
DCD pin and generates an External/Status interrupt if
the DCD IE bit in WR15 is set to ‘1’. However, only an odd number of transitions on the
DCD pin while another External/Status is pending will cause an External/Status interrupt
after the Reset External/Status Interrupt command is issued.
If the DCD IE bit is reset, the DCD status merely reports the current inverted unlatched
state of the DCD pin; that is, if the
DCD pin is Low, the DCD status bit will be High.
Note that after the Reset External/Status Interrupt command is issued, if the latches were
closed, they will close again if there was an odd number of transitions on the
DCD pin;
they will remain open if there was an even number of transitions on the input pin.
If careful attention is paid to details, the interrupt service routine for External/Status inter-
rupts is straightforward. To determine which bit or bits changed state, the routine should
first read RR0 and compare it to a copy from memory. For each changed bit, the appro-
priate action should be taken and the copy in memory updated. The service routine
should close with a Reset External/Status Interrupts command to re-open the latches.
The copy of RR0 in memory should always have the Zero Count bit set to ‘0’, since this
will be the state of the bit after the Reset External/Status Interrupts command at the end
of the service routine.
3.9
BLOCK TRANSFERS
The SCC offers several alternatives for the block transfer of data. The various options are
selected via WR1 and WR14 as follows.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com