Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530H Datasheet(PDF) 34 Page - Advanced Micro Devices

Part # AM8530H
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530H Datasheet(HTML) 34 Page - Advanced Micro Devices

Back Button AM8530H Datasheet HTML 30Page - Advanced Micro Devices AM8530H Datasheet HTML 31Page - Advanced Micro Devices AM8530H Datasheet HTML 32Page - Advanced Micro Devices AM8530H Datasheet HTML 33Page - Advanced Micro Devices AM8530H Datasheet HTML 34Page - Advanced Micro Devices AM8530H Datasheet HTML 35Page - Advanced Micro Devices AM8530H Datasheet HTML 36Page - Advanced Micro Devices AM8530H Datasheet HTML 37Page - Advanced Micro Devices AM8530H Datasheet HTML 38Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 194 page
background image
3–3
I/O Programming Functional
Description
CHAPTER 3
3.1
INTRODUCTION
The SCC can work under one of the following three modes of I/O operations: Polling,
Interrupts, and Block transfer. All three modes involve register manipulation during initiali-
zation and data transfer. Regardless of the communication mode selected, all three I/O
operating modes are available for use and must be programmed in the initialization
routine.
3.2
POLLING
Polling avoids interrupts and is the simplest mode to implement. In this mode, the soft-
ware must poll the SCC to determine when data are to be written or read from the SCC.
This mode is enabled when the Master Interrupt Enable (MIE) bit in WR9 (D3) and the
Wait/DMA Request Enable bit in WR1 (D7) are both set to ‘0’.
In this mode the software must poll RR0 to determine the status of the Receive Buffer,
Transmit Buffer and External/Status before jumping to the appropriate interrupt routine.
3.3
INTERRUPT SOURCES
When the MIE bit in WR9 (D3) is set to ‘1’ interrupts will be enabled and, the SCC as a
microprocessor peripheral, will request an interrupt by asserting the
INT pin Low from its
open-drain state only when it needs servicing.
Each channel in the SCC contains three sources of interrupts making a total of six.
These three sources of interrupts are: 1) Receiver, 2) Transmitter, and 3) External/Status
conditions as shown in Figure 3–1. In addition, there are several conditions that may
cause these interrupts. Each interrupt source is enabled under program control, with
Channel A having a higher priority than Channel B and with Receive, Transmit, and Ex-
ternal/Status interrupts prioritized respectively within each channel as shown in
Table 3–1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com