Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530H Datasheet(PDF) 64 Page - Advanced Micro Devices

Part # AM8530H
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530H Datasheet(HTML) 64 Page - Advanced Micro Devices

Back Button AM8530H Datasheet HTML 60Page - Advanced Micro Devices AM8530H Datasheet HTML 61Page - Advanced Micro Devices AM8530H Datasheet HTML 62Page - Advanced Micro Devices AM8530H Datasheet HTML 63Page - Advanced Micro Devices AM8530H Datasheet HTML 64Page - Advanced Micro Devices AM8530H Datasheet HTML 65Page - Advanced Micro Devices AM8530H Datasheet HTML 66Page - Advanced Micro Devices AM8530H Datasheet HTML 67Page - Advanced Micro Devices AM8530H Datasheet HTML 68Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 194 page
background image
Data Communication Modes Functional Description
AMD
4–12
CRC
CRC
flag
Data being sent
Tx Underrun/EOM
RTS bit D1 WR5
RTS pin (active low)
Data
Figure 4–10. RTS Deactivation
4.6
ASYNCHRONOUS MODE OPERATION
4.6.1
Receiver Operation
In Asynchronous mode, the receiver establishes bit and character synchronization by
sensing the High-to-Low transition of the Start-bit for each character. When the Start-bit is
detected a clock circuit is initiated and the receiver waits one-half a bit time before sam-
pling RxD again to ensure that RxD is still Low. If RxD is Low, the receiver assumes that
it is the middle of the Start-bit and one bit time later begins to assemble the specified
number of data and Parity (if enabled) bits. During reception, the Start and Stop bits are
stripped leaving only the data and Parity (if enabled and with less than 8 bits/character
option selected). Once the character is assembled, the receiver samples RxD one more
bit time. If RxD is Low, the Framing Error bit is set and is passed to the Receive Error
FIFO at the same time the character is transferred to the Receive Data FIFO. If the RxD
is High, the receiver returns to the quiescent marking state until the next High-to-Low
transition is detected on the RxD pin.
In this mode, serial data enters the 3-bit delay if the character length of seven or eight bits
is selected. If a character length of five or six bits is selected, data enters the Receive
Shift Register directly.
4.6.1.1
Receiver Initialization
The initialization sequence for the receiver in Asynchronous mode is: WR4 first to select
the mode, then WR3 and WR5 to select the various options. At this point, the other regis-
ters should be initialized as necessary. When all of this is complete the receiver may be
enabled by setting bit D0 of WR3 to ‘1’.
4.6.1.2
Framing Error
If after assembling the selected number of bits per character the Receiver finds the Stop
bit to be a ‘0’, the Framing Error bit in the Receive Error FIFO is set at the same time that
the character is transferred to the Receive Data FIFO. This error bit accompanies the
data to the top of the FIFO, where it generates a Special Condition interrupt (if enabled).
This Framing Error bit is not latched, and so must be read in RR1 before the accompany-
ing data is read in the Receive Data FIFO. Detection of a Framing Error adds an addi-
tional one-half bit to the character time so that the Framing Error is not interpreted as a
new Start bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com