Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530H Datasheet(PDF) 79 Page - Advanced Micro Devices

Part # AM8530H
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530H Datasheet(HTML) 79 Page - Advanced Micro Devices

Back Button AM8530H Datasheet HTML 75Page - Advanced Micro Devices AM8530H Datasheet HTML 76Page - Advanced Micro Devices AM8530H Datasheet HTML 77Page - Advanced Micro Devices AM8530H Datasheet HTML 78Page - Advanced Micro Devices AM8530H Datasheet HTML 79Page - Advanced Micro Devices AM8530H Datasheet HTML 80Page - Advanced Micro Devices AM8530H Datasheet HTML 81Page - Advanced Micro Devices AM8530H Datasheet HTML 82Page - Advanced Micro Devices AM8530H Datasheet HTML 83Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 194 page
background image
Data Communication Modes Functional Description
AMD
4–27
4.8
TRANSMITTER OPERATION
In SDLC Modes, the transmitter automatically envelopes the data written to the Transmit
Buffer Register (WR8) with the flag character in WR7. Because the SCC transfers the flag
character eight bits at a time, zero-suppressed flags (i.e., where the ending zero bit of
one flag is the beginning zero bit of the succeeding flag) are not supported. The receiver,
however, can receive either zero-suppressed or fully-formed flags. While flags are trans-
mitted the zero insertion logic is inhibited.
When transmitting data in SDLC modes, note that all data passes through the zero inser-
ter, which adds an extra five bit times of delay between the Transmit Shift Register and
the Transmit Data (TxD) pin.
4.8.1
Transmitter Initialization
The initialization sequence for the transmitter in SDLC modes is: WR4 first, to select the
mode, then WR10 to modify it if necessary, WR7 and WR6 to program the flag and ad-
dress field (if used), and then WR3 and WR5 to select the various options. At this point,
the other registers should be initialized as necessary. Once all of this is complete the
transmitter will be idle with the TxD pin pulled high until the transmitter is enabled via bit
D3 in WR5. When this bit is set to ‘1’, the transmitter starts mark idling (i.e., a pattern of
all one bits are sent eight bits at a time), and continues to mark idle until the MARK/FLAG
Idle bit in WR10 (D3) is set to ‘0’. When this bit is reset to ‘0’ and the current mark idle
pattern has left the Transmit Shift Register, the transmitter will begin sending flag charac-
ters and will continue to send flag characters until a character is written to the Transmit
Buffer. During this flag idle time the CRC generator may be initialized by issuing the Re-
set Tx CRC Generator Command in WR0.
When a character is written to WR8 and the current flag character has been sent, the
transmitter starts sending data and continues to send data until an underrun condition
occurs. The Tx Buffer Empty status bit in RR0 (D2) will be set to ‘1’ each time the con-
tents of WR8 are transferred to the Transmit Shift Register. It will be reset to ‘0’ each time
the Transmit Buffer is written to, and while the CRC is being sent in SDLC and Synchro-
nous modes. If the Transmitter Interrupt Enable bit in WR1 is set to ‘1’ then the Low-to-
High transition of the Tx Buffer Empty status bit will generate an interrupt.
4.8.2
MARK/FLAG Idle Generation
The Transmitter may be programmed to either mark or flag idle when no data are being
transmitted. If the MARK/FLAG idle bit in WR10 (D3) is set to ‘1’, the transmitter will mark
idle by transmitting continuous ‘1’s; otherwise, it will flag idle by transmitting continuous
flags. The state of this bit determines the idle pattern transmitted after the closing flag of
the frame is sent and not before.
On the NMOS SCC, if the transmitter is actively mark idling, and a frame of data is ready
to be transmitted, the MARK/FLAG idle bit must be set to ‘0’ before data are written to
WR8; otherwise, the opening flag will not be sent properly. However, care must be exer-
cised in doing this because the mark idle pattern (eight ‘1’ bits) is transmitted eight bits at
a time, and all eight bits must have transferred from the Transmit Shift Register before a
flag may be loaded and sent. If data are written into the Transmit Buffer (WR8) before the
flag is loaded into the Transmit Shift Register, the data character written to WR8 will su-
persede flag transmission and the opening flag will not be transmitted.
4.8.3
Auto Flag Mode
On the CMOS SCC, if bit D0 of WR15 is set to ‘1’, and the SCC is programmed for SDLC
operation, an option is provided via bit D0 of WR7’ that eliminates this requirement. If bit
D0 of WR7’ is set to ‘1’ and a character is written to the Transmit Buffer while the Trans-
mitter is mark idling, the Mark/Flag Idle bit in WR10 need not be reset to ‘0’ in order to
have the opening flag sent because the transmitter will automatically send it before com-
mencing to send data.
In addition, as long as bit D0 of WR15 and bit D1 of WR7’ are set to ‘1’, the CRC transmit
generator will be automatically preset to the initial state programmed by bit D7 of WR10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com