Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530H Datasheet(PDF) 97 Page - Advanced Micro Devices

Part # AM8530H
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530H Datasheet(HTML) 97 Page - Advanced Micro Devices

Back Button AM8530H Datasheet HTML 93Page - Advanced Micro Devices AM8530H Datasheet HTML 94Page - Advanced Micro Devices AM8530H Datasheet HTML 95Page - Advanced Micro Devices AM8530H Datasheet HTML 96Page - Advanced Micro Devices AM8530H Datasheet HTML 97Page - Advanced Micro Devices AM8530H Datasheet HTML 98Page - Advanced Micro Devices AM8530H Datasheet HTML 99Page - Advanced Micro Devices AM8530H Datasheet HTML 100Page - Advanced Micro Devices AM8530H Datasheet HTML 101Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 194 page
background image
5–3
Support Circuitry Programming
CHAPTER 5
5.1
INTRODUCTION
The SCC incorporates additional logic on-chip which dramatically reduces the need for
external hardware. This includes clocking options, baud rate generators, clock recovery
logic, on-chip oscillators, and internal loopback modes. This chapter discusses how to
program these functions.
5.2
CLOCK OPTIONS
The SCC may be programmed to select one of several sources to provide the transmit
and receive clocks. In addition, the SCC contains a crystal oscillator in each channel, as
well as the ability to echo one of several internal clock sources off chip. These options are
controlled by the bits in WR11 as shown below.
WR11 is the Clock Mode Control register for both the receive and transmit clocks. It de-
termines the type of signal on the
SYNC and RTxC pins and the direction of the TRxC
pin. This register also controls the output of the baud rate generator, the DPLL output,
and the selection of either an input clock or XTAL output for the
RTxC pin.
5.2.1
Crystal Oscillator
The crystal oscillator option is controlled by bit D7 in WR11. When this bit is set to ‘0’, the
crystal oscillator is disabled and all pins function normally. When this bit is set to ‘1’, the
crystal oscillator is enabled and a high-gain amplifier is connected between the
RTxC pin
and the
SYNC pin. While the crystal oscillator is enabled, anything that has RTxC se-
lected as its clock source will automatically be connected to the output of the crystal oscil-
lator.
While the crystal oscillator is enabled, the
SYNC pin is unavailable for other use. In Syn-
chronous modes no sync pulse is output, and the External Sync mode cannot be se-
lected. In Asynchronous mode, the state of the SYNC/HUNT bit in RR0 is no longer con-
trolled by the
SYNC pin. Instead, the SYNC/HUNT bit is forced to ‘0’. Note that the crystal
oscillator requires some finite time to stabilize (20 ms) and so must be allowed to stabilize
before being used as a clock.
For best results, a crystal oscillator with the following specifications should be used;
s
30 ppm @ 25
°C
s
<50 ppm over temperature range of –20 to 70
°C
s
<5 ppm/yr aging
s
5 mw drive level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com