Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530H Datasheet(PDF) 84 Page - Advanced Micro Devices

Part # AM8530H
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530H Datasheet(HTML) 84 Page - Advanced Micro Devices

Back Button AM8530H Datasheet HTML 80Page - Advanced Micro Devices AM8530H Datasheet HTML 81Page - Advanced Micro Devices AM8530H Datasheet HTML 82Page - Advanced Micro Devices AM8530H Datasheet HTML 83Page - Advanced Micro Devices AM8530H Datasheet HTML 84Page - Advanced Micro Devices AM8530H Datasheet HTML 85Page - Advanced Micro Devices AM8530H Datasheet HTML 86Page - Advanced Micro Devices AM8530H Datasheet HTML 87Page - Advanced Micro Devices AM8530H Datasheet HTML 88Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 194 page
background image
Data Communication Modes Functional Description
AMD
4–32
nects TxD from RxD. To ensure proper loop operation after the SCC goes off the loop,
and until the external relays take the SCC completely out of the loop, the SCC should be
programmed for mark idle instead of Flag idle. When the SCC goes off the loop, the On–
Loop bit is reset.
4.9.2.1
Off Loop Programming Sequence
To go off the loop in an orderly manner requires actions similar to those taken to go on
the loop. First, the Go Active On Poll bit must be set to ‘0’ and any transmission in pro-
gress completed, if the SCC is currently sending on the loop. This will be indicated by the
Loop Sending bit in RR10 being set to ‘0’. Once the SCC is not sending on the loop, exit
from the loop is accomplished by setting the Loop Mode bit in WR10 to ‘0’, and at the
same time writing the Abort/Flag on Underrun and Mark/Flag idle bits with the desired
values. The SCC will revert to normal SDLC operation as soon as an EOP is received, or
immediately, if the receiver is already in Hunt mode because of the receipt of an EOP.
Note that the Break/Abort and Hunt bits in RR0 will be set to ‘1’ and the On Loop bit in
RR10 will be set to ‘0’ when EOP is detected.
If SDLC loop mode is enabled by the Go Active on Poll bit (D4) in WR10 and the station
receives an EOP, the receiver will enter Hunt Mode. When the receiver is in Hunt Mode it
is not possible to take the station off the loop unless data has been transmitted; i.e., a flag
has been detected.
4.9.3
SDLC Loop Initialization
The initialization sequence for the SCC in SDLC Loop mode is similar to the sequence
used in SDLC mode, except that it is somewhat longer. The processor should program
WR4 first, to select SDLC mode, and the WR10 to select the CRC preset value, and pro-
gram the Mark/Flag Idle bit. The Loop Mode and Go Active On Poll bits in WR10 should
not be set to ‘1’ yet. The flag is written in WR7 and the various options are selected in
WR3 and WR5. At this point the other registers should be initialized as necessary, then
the Loop Mode bit (D1) in WR10 should be set to ‘1’. When all of this is complete, the
transmitter may be enabled by setting bit D3 of WR5 to ‘1’. Now that the transmitter is
enabled, the CRC generator may be initialized by issuing the Reset Tx CRC Generator
command in WR0. The receiver is enabled by setting the Go Active on Poll bit (D4) in
WR10 to ‘1’.
4.9.4
SDLC Loop NRZI Encoding Enabled
The SCC allows the user the option of using NRZI in SDLC Loop mode by programming
WR10 appropriately. With NRZI encoding, the outputs of secondary stations in the loop
may be inverted from their inputs because of messages that they have transmitted. Re-
moving the stations from the loop (removing the one-bit time delay) may cause problems
further down the loop because of extraneous transitions on the line. The SCC avoids this
problem by making transparent adjustments at the end of each frame it sends in re-
sponse to an EOP.
A response frame from the SCC is terminated by a flag and an EOP. Normally, the flag
and the EOP share a zero, but if such sharing would cause the RxD and TxD pins to be
of opposite polarity after the EOP, the SCC adds another zero between the flag and the
EOP. This causes an extra line transition so that RxD and TxD are identical after the EOP
is sent. This extra zero is completely transparent because it means only that the flag and
the EOP no longer share a zero. All that a proper loop exit needs, therefore, is the re-
moval of the one-bit time delay.
4.10
SYNCHRONOUS MODE OPERATION
4.10.1
Receiver Operation
Receiver operation in Synchronous modes begin in a Hunt mode where the communica-
tions line is monitored for a synchronizing pattern on a bit-by-bit basis. The receiver may
be placed in Hunt mode by having the processor issue the Enter Hunt Mode command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com