Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530H Datasheet(PDF) 16 Page - Advanced Micro Devices

Part # AM8530H
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530H Datasheet(HTML) 16 Page - Advanced Micro Devices

Back Button AM8530H Datasheet HTML 12Page - Advanced Micro Devices AM8530H Datasheet HTML 13Page - Advanced Micro Devices AM8530H Datasheet HTML 14Page - Advanced Micro Devices AM8530H Datasheet HTML 15Page - Advanced Micro Devices AM8530H Datasheet HTML 16Page - Advanced Micro Devices AM8530H Datasheet HTML 17Page - Advanced Micro Devices AM8530H Datasheet HTML 18Page - Advanced Micro Devices AM8530H Datasheet HTML 19Page - Advanced Micro Devices AM8530H Datasheet HTML 20Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 194 page
background image
General Information
AMD
1–8
1.5
PIN DESCRIPTIONS
Figure 1–4 designates the pin locations and signal names for the 40- and 44-pin SCC
versions.
1.5.1
System Interface Pin Descriptions
A/B — Channel A/Channel B Select (input, Channel A active High)
This signal selects the channel in which the Read or Write operation occurs and must be
valid prior to the read or write strobe.
CE — Chip Enable (input, active Low)
This signal selects the SCC for operation. It must remain active throughout the bus
transaction.
D0–D7 — Data Lines (bidirectional, 3-state)
These I/O lines carry data or control information to and from the SCC.
D/C — Data/Control (input, data active High)
This signal defines the type of information transfer performed by the SCC: data or control.
The state of this signal must be valid prior to the read or write strobe.
RD — Read (input, active Low)
This signal indicates a Read operation and, when the SCC is selected, enables the SCC
bus drivers. During the interrupt acknowledge cycle, this signal gates the interrupt vector
onto the bus provided that the SCC is the highest priority device requesting an interrupt.
WR — Write (input, active Low)
When the SCC is selected, this signal indicates a Write operation. On the NMOS
Am8530H data must be valid prior to the rising edge of write strobe. The Am85C30 does
not share this requirement. The coincidence of
RD and WR is interpreted as a Reset.
IEI* — Interrupt Enable In (input, active High)
IEI is used with IEO to form an interrupt daisy chain when there is more than one inter-
rupt-driven device. A High on IEI indicates that no other higher priority device has an In-
terrupt Under Service (IUS) or is requesting an interrupt.
IEO — Interrupt Enable Out (output, active High)
IEO is High only if IEI is High and the CPU is not servicing an SCC or SCC interrupt or
the controller is not requesting an interrupt (interrupt acknowledge cycle only). IEO is con-
nected to the next lower priority device’s IEI input and thus inhibits interrupts from lower
priority devices.
INTACK* — Interrupt Acknowledge (input, active Low)
This signal indicates an active interrupt acknowledge cycle. During this cycle, the interrupt
daisy chain settles. When
RD becomes active, the SCC places an interrupt vector on the
data bus (if IEI is High).
INTACK is latched by the rising edge of PCLK.
INT — Interrupt Request (output, open-drain, active Low)
This signal is activated when the SCC is requesting an interrupt.
Note:
*Pull-up resistors are needed on
INTACK and IEI inputs if they are not driven by the
system and for the
INT output. If INTACK or IEI are left floating, the Am85C30 will
malfunction.
INT is an open drain output and must be pulled up to keep a logical high
level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com