Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530H Datasheet(PDF) 49 Page - Advanced Micro Devices

Part # AM8530H
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530H Datasheet(HTML) 49 Page - Advanced Micro Devices

Back Button AM8530H Datasheet HTML 45Page - Advanced Micro Devices AM8530H Datasheet HTML 46Page - Advanced Micro Devices AM8530H Datasheet HTML 47Page - Advanced Micro Devices AM8530H Datasheet HTML 48Page - Advanced Micro Devices AM8530H Datasheet HTML 49Page - Advanced Micro Devices AM8530H Datasheet HTML 50Page - Advanced Micro Devices AM8530H Datasheet HTML 51Page - Advanced Micro Devices AM8530H Datasheet HTML 52Page - Advanced Micro Devices AM8530H Datasheet HTML 53Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 194 page
background image
I/O Programming Functional Description
AMD
3–18
In this mode the
W/REQ pin carries the DMA Request signal, which is active Low. When
this mode is selected, but not yet enabled, the
W/REQ pin is driven High. When the en-
able bit is set,
W/REQ will go Low if WR8 is empty at the time or will remain High until
WR8 becomes empty. Note that the
W/REQ pin will follow the state of WR8 even though
the transmitter is disabled. Thus, if bit D7 of WR1 is set to ‘1’ (i.e.,
W/REQ pin is enabled)
before the transmitter is enabled, the DMA may write data to the SCC prematurely. This
will not cause a problem in Asynchronous mode but may cause problems in SDLC and
Synchronous modes, because on enabling the transmitter the SCC will send data in pref-
erence to flags or sync characters. It also may complicate the CRC initialization, which
cannot be done until after the transmitter is enabled.
With only one exception, the
W/REQ pin directly follows the state of WR8 in this mode.
W/REQ goes Low when WR8 goes empty and remains Low until the WR8 is filled. The
SCC generates only one falling edge on the
W/REQ pin per character requested. The
timing for this is shown in Figure 3–8.
The one exception occurs at the end of CRC transmission when the SCC is programmed
in either SDLC or Synchronous Modes. At the end of CRC transmission, when the closing
flag or sync character is loaded into the Transmit Shift Register, the
W/REQ pin is pulsed
High for one PCLK cycle. The DMA may use this falling edge on
W/REQ to write the first
character of the next frame or block to the SCC.
W/REQ will go High in response to the
falling edge of
WR, but only when the appropriate WR8 in the SCC is accessed. This is
shown in Figure 3–9.
3.9.3.2
DMA Request on Transmit (Using DTR/REQ)
A second Request on Transmit function is available on the
DTR/REQ pin. This mode is
selected by programming WR14 as shown below.
??
??
?1
??
D7
D6 D5
D4 D3
D2 D1
D0
WR14—DMA Request on Transmit Using DTR/REQ
When this bit is set to ‘1’, the
DTR/REQ pin will go Low if WR8 is empty at the time, or will
go High until WR8 becomes empty. While bit D2 of WR14 is set to ‘0’, the
DTR/REQ pin
is used as a general-purpose output pin and follows the inverted state of bit D7 in WR5.
This pin will be High after a channel or hardware reset and in the DTR mode.
In the DMA Request mode,
DTR/REQ will follow the empty/non-empty state of WR8 even
though the transmitter is disabled. Thus, if the DMA Request function is enabled before
the transmitter is enabled, the DMA may write data to the SCC prematurely. This will not
cause a problem in Asynchronous mode but may cause problems in SDLC and Synchro-
nous modes because the SCC will send data in preference to flags or sync characters. It
also may complicate the CRC initialization, which cannot be done until after the transmit-
ter is enabled and idling. With only one exception, the
DTR/REQ pin directly follows the
state of WR8 in SDLC and Synchronous modes.
DTR/REQ goes Low when WR8 be-
comes empty and remains Low until WR8 is filled. The SCC generates only one falling
edge on the
DTR/REQ pin per character requested and the timing for this is shown in
Figure 3–8.
The one exception occurs in SDLC and Synchronous modes at the end of CRC transmis-
sion. At the end of CRC transmission, when the closing flag or sync character is loaded
into the Transmit Shift Register,
DTR/REQ is pulsed High for one PCLK cycle. The DMA
may use this falling edge on
DTR/REQ to write the first character of the next frame or
block to the SCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com