Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530H Datasheet(PDF) 74 Page - Advanced Micro Devices

Part # AM8530H
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530H Datasheet(HTML) 74 Page - Advanced Micro Devices

Back Button AM8530H Datasheet HTML 70Page - Advanced Micro Devices AM8530H Datasheet HTML 71Page - Advanced Micro Devices AM8530H Datasheet HTML 72Page - Advanced Micro Devices AM8530H Datasheet HTML 73Page - Advanced Micro Devices AM8530H Datasheet HTML 74Page - Advanced Micro Devices AM8530H Datasheet HTML 75Page - Advanced Micro Devices AM8530H Datasheet HTML 76Page - Advanced Micro Devices AM8530H Datasheet HTML 77Page - Advanced Micro Devices AM8530H Datasheet HTML 78Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 194 page
background image
Data Communication Modes Functional Description
AMD
4–22
Because the bit pattern used by the receiver for CRC error checking is based on an in-
dustry standard polynomial, only the CRC-CCITT polynomial (X16+X12+X5+1) can be
used in SDLC mode.
The CRC transmission and CRC-CCITT polynomial are enabled by programming WR5 as
shown below.
??
??
?0
?1
D7
D6 D5
D4 D3
D2 D1
D0
WR3—Register Layout
4.7.2.1
Rx CRC Initialization
Bit D7 of WR10 controls the initial state of both the transmit and receive CRC generators.
Although the transmit and receive generators may be preset to either all ‘0’s or all ‘1’s,
SDLC operation requires that this bit be set to ‘1’ for proper error detection.
The receive CRC generator will be automatically preset whenever the receiver is in Hunt
mode, or a flag is detected so a Reset CRC Checker command should not be necessary.
It may, however, be preset whenever necessary by issuing this command in WR0.
4.7.2.2
Rx CRC Enabling
In SDLC Mode, the SCC always calculates CRC on all bits, except inserted zeros, be-
tween the opening and closing flags of a frame, so the Rx CRC Enable bit in WR3 (D3) is
ignored.
4.7.2.3
CRC Error
When the end of frame flag is detected, the CRC Error bit is loaded into the Receive Error
FIFO at the same time the character in the Receive Shift Register is transferred to the
Receive Data FIFO. Since this CRC Error status bit is not latched internally, it will usually
always be set to ‘1’ in RR1, since most bit combinations, except for a correctly completed
frame, result in a non-zero CRC. Hence, the CRC Error bit should not be considered valid
until the EOF status bit is set to ‘1’ in RR1, and should be ignored at all other times.
4.7.2.4
CRC Character Reception
On the NMOS SCC, when the end of frame flag is detected the contents of the Receive
Shift Register are transferred to the Receive Data FIFO regardless of the number of bits
accumulated. Because of the 3-bit delay between the Receive SYNC Register and Re-
ceive Shift Register, the last two bits of the CRC check character received are never
transferred to the Receive Data FIFO. Thus, the received CRC characters are unavailable
for use.
On the CMOS SCC, the option of being able to receive the complete CRC characters
generated by the transmitter is provided when both bits D0 of WR15 and bit D5 of WR7’
are set to ‘1’. When these two bits are set and an end of frame flag is detected, the last
two bits of the CRC will be clocked into the Receive Shift Register before its contents are
transferred to the Receive Data FIFO. The data-CRC boundary and CRC character bit
formats for each Residue Code provided are shown in Figures 4–15 through 4–18 for
each character length selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com