Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530H Datasheet(PDF) 72 Page - Advanced Micro Devices

Part # AM8530H
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530H Datasheet(HTML) 72 Page - Advanced Micro Devices

Back Button AM8530H Datasheet HTML 68Page - Advanced Micro Devices AM8530H Datasheet HTML 69Page - Advanced Micro Devices AM8530H Datasheet HTML 70Page - Advanced Micro Devices AM8530H Datasheet HTML 71Page - Advanced Micro Devices AM8530H Datasheet HTML 72Page - Advanced Micro Devices AM8530H Datasheet HTML 73Page - Advanced Micro Devices AM8530H Datasheet HTML 74Page - Advanced Micro Devices AM8530H Datasheet HTML 75Page - Advanced Micro Devices AM8530H Datasheet HTML 76Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 194 page
background image
Data Communication Modes Functional Description
AMD
4–20
The address comparison will be across all eight bits of WR6 when the Sync Character
Load Inhibit bit (D1 in WR3) is set to ‘0’. This comparison may be modified so that only
the four most significant bits of WR6 must match the received address. This mode is se-
lected by programming WR3 as shown below.
??
??
X
1
1?
D7
D6 D5
D4 D3
D2 D1
D0
WR3—Register Layout
In this mode, however, the address field is still eight bits wide. Regardless of the mode
enabled, the address field is not treated differently than data and is always transferred to
the Receive Data FIFO in the same manner as data. Note that Address Search mode is
available only in SDLC mode.
SDLC address search mode (bit D2 in Write Register 3 is set) and Receive Full CRC
mode (bit D5 of Write Register 7
′) should not be used in conjunction with each other. If
these modes are used together, the Am85C30 will accept all packets with addresses that
match the address programmed into Register 6 and will accept only the address byte of
the packet with addresses that do not match the Register 6 address. Proper operation of
address search mode calls for the complete rejection of packets with addresses that do
not match the Register 6 address.
4.7.1.5
Abort Detection
In addition to monitoring the data stream for flags, the receiver also monitors the line for
an abort pattern. An abort is detected when seven consecutive ‘1’s are found in the data
stream. This is usually an indication sent by the transmitter alerting the receiver that the
frame currently being received has been aborted and should be discarded.
The detection of an abort is reported in the BREAK/ABORT status bit in RR0 (D7). This
status bit is one source of External/Status interrupts, so transitions of this status bit may
be programmed to cause interrupts.
An abort automatically forces the receiver into Hunt mode and sets the SYNC/HUNT
status bit in RR0 (D4) to ‘1’. Because this status bit is also a possible External/Status con-
dition, its transition may also be programmed to cause an interrupt. Thus transitions on
both the BREAK/ABORT and SYNC/HUNT status bits may occur very close together, and
either one or two External/Status interrupts may result.
The BREAK/ABORT status bit will be reset when a ‘0’ is received, either by the abort it-
self going away or as the leading ‘0’ of a flag. In either case, the SYNC/HUNT status bit
will remain set until the receiver leaves Hunt mode. Because both transitions on the
BREAK/ABORT status bit are guaranteed to cause an interrupt, two discrete External/
Status Interrupts will occur; one when the abort is detected and one when the abort goes
away.
Note that the SCC does not discriminate between an in-frame (between opening and
closing flags) and an out-of-frame (after EOF) abort. An abort detected while the receiver
is In-Frame terminates frame reception, but not in an orderly manner, because the char-
acter being assembled is lost and the Receive Data FIFO is not flushed. An out-of-frame
abort interrupt will be generated approximately seven bit times after EOF has been de-
tected if the transmitter mark idles. If an ABORT is detected by the receiver after the clos-
ing flag and eight 1s have been received, the ABORT will persist until another flag is de-
tected at which time the receiver exits from Hunt Mode. If an out-of-frame interrupt is to
be avoided it should be disabled early in the EOF interrupt routine. Because the BREAK/
ABORT status bit is not latched in RR0, it may happen that this status bit will be reset by
the time the software responds to the interrupt, causing yet another interrupt. In this case,
unless the DCD pin has been programmed as the receiver Auto Enable, the SYNC/HUNT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com