Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530H Datasheet(PDF) 35 Page - Advanced Micro Devices

Part # AM8530H
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530H Datasheet(HTML) 35 Page - Advanced Micro Devices

Back Button AM8530H Datasheet HTML 31Page - Advanced Micro Devices AM8530H Datasheet HTML 32Page - Advanced Micro Devices AM8530H Datasheet HTML 33Page - Advanced Micro Devices AM8530H Datasheet HTML 34Page - Advanced Micro Devices AM8530H Datasheet HTML 35Page - Advanced Micro Devices AM8530H Datasheet HTML 36Page - Advanced Micro Devices AM8530H Datasheet HTML 37Page - Advanced Micro Devices AM8530H Datasheet HTML 38Page - Advanced Micro Devices AM8530H Datasheet HTML 39Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 194 page
background image
I/O Programming Functional Description
AMD
3–4
INT on 1st Rx Char. or
Special Condition
INT on All Rx Char. or
Special Condition
Rx Int on Special
Condition only
Parity
Transmit Buffer Empty
Zero Count
DCD
SYNC/HUNT
CTS
Tx Underrun/EOM
Break/Abort
SCC
Interrupt
External/Status
Interrupt
Sources
Transmitter
Interrupt
Source
Receiver
Interrupt
Sources
Figure 3–1. SCC Interrupts
Table 3–1. Interrupt Source Priority
Receiver Channel A
High
Transmit Channel A
External/Status Channel A
↓
Receiver Channel B
↓
Transmit Channel B
External/Status Channel B
Low
3.4
INTERRUPT CONTROL
In addition to the MIE bit that enables or disables all SCC interrupts, three control/status
bits are associated with each interrupt source internal to the SCC. These are the Interrupt
Enable (IE), the Interrupt Pending (IP), and the Interrupt Under Service (IUS) bits. Simi-
larly, lower-priority devices on the external daisy chain can be prevented from requesting
interrupts via the Disable Lower Chain bit in WR9 (D2).
3.4.1
Interrupt Enable Bit
The Interrupt Enable (IE) bits are written by the processor and serve to control interrupt
requests from each interrupt source on the SCC. If the IE bit is set to ‘1’ for an interrupt
source, then that source may cause an interrupt request providing all of the necessary
conditions are met. If the IE bit is reset, no interrupt request will be generated by that
source. The IE bits are write-only and are programmed in WR1 as follows.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com