Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530H Datasheet(PDF) 18 Page - Advanced Micro Devices

Part # AM8530H
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530H Datasheet(HTML) 18 Page - Advanced Micro Devices

Back Button AM8530H Datasheet HTML 14Page - Advanced Micro Devices AM8530H Datasheet HTML 15Page - Advanced Micro Devices AM8530H Datasheet HTML 16Page - Advanced Micro Devices AM8530H Datasheet HTML 17Page - Advanced Micro Devices AM8530H Datasheet HTML 18Page - Advanced Micro Devices AM8530H Datasheet HTML 19Page - Advanced Micro Devices AM8530H Datasheet HTML 20Page - Advanced Micro Devices AM8530H Datasheet HTML 21Page - Advanced Micro Devices AM8530H Datasheet HTML 22Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 194 page
background image
General Information
AMD
1–10
these outputs are active each time a sync character is recognized (regardless of charac-
ter boundaries). In SDLC mode, these pins act as outputs and are valid on receipt of a
flag.
TRxCA, TRxCB — Transmit/Receive Clocks (inputs or outputs, active Low)
The functions of these pins are under program control.
TRxC may supply the receive
clock or the transmit clock in the Input mode or supply the output of the digital phase-
locked loop, the crystal oscillator, the baud rate generator, or the transmit clock in the out-
put mode. If a clock is supplied on these pins in NRZI or NRZ mode serial data on the
TxD pin will be clocked out on the negative edge of these pins. In FM mode, TxD is
clocked on both clock edges.
TxDA, TxDB — Transmit Data (outputs, active High)
Serial data from the SCC is sent out these pins.
W/REQA, W/REQB — Wait/Request (outputs, open drain and switches from floating
to Low when programmed for Wait function, driven from High to Low when pro-
grammed for a Request function)
These dual-purpose outputs can be programmed as either transmit or receive request
lines for a DMA controller, or as Wait lines to synchronize the CPU to the SCC data rate.
The reset state is Wait.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com