Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530H Datasheet(PDF) 105 Page - Advanced Micro Devices

Part # AM8530H
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530H Datasheet(HTML) 105 Page - Advanced Micro Devices

Back Button AM8530H Datasheet HTML 101Page - Advanced Micro Devices AM8530H Datasheet HTML 102Page - Advanced Micro Devices AM8530H Datasheet HTML 103Page - Advanced Micro Devices AM8530H Datasheet HTML 104Page - Advanced Micro Devices AM8530H Datasheet HTML 105Page - Advanced Micro Devices AM8530H Datasheet HTML 106Page - Advanced Micro Devices AM8530H Datasheet HTML 107Page - Advanced Micro Devices AM8530H Datasheet HTML 108Page - Advanced Micro Devices AM8530H Datasheet HTML 109Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 194 page
background image
Support Circuitry Programming
AMD
5–11
5.5.1
DPLL Clock Source
The clock for the DPLL is selected by two of the commands in WR14. One command se-
lects the output of the BRG as the clock source, and the other command selects the
RTxC pin as the clock source, independent of whether the RTxC pin is a simple input or
part of the crystal oscillator circuit. Note that in order to avoid metastable problems in the
counter, the clock source selection should be made only while the DPLL is disabled, since
arbitrarily narrow pulses can be generated at the output of the multiplexer when it
changes status.
5.5.2
DPLL Enabling
The DPLL is enabled by issuing the Enter Search Mode command in WR14. This com-
mand is also used to reset the DPLL to a known state if it is suspected that synchroniza-
tion has been lost. When used to enable the DPLL, the Enter Search Mode command
unlocks the counter, which is held while the DPLL is disabled, and enables the edge de-
tector. If the DPLL is already enabled when this command is issued, the DPLL also enters
Search mode.
While in Search mode, the counter is held at a specific count and no outputs are pro-
vided. The DPLL remains in this status until an edge is detected in the receive data
stream. This first edge is assumed to occur on a bit cell boundary, and the DPLL will be-
gin providing an output to the receiver that will properly sample the data. As long as no
other edges are detected, the DPLL output clock will free run at a frequency equal to the
DPLL clock source divided by 32 without any phase jitter. Upon detecting another edge
the DPLL will adjust the output clock to remain in phase with the received data by adding
or subtracting a count of one. This will result in a phase jitter of
±5.63° on the DPLL out-
put. Because the DPLL uses both edges of the incoming data to compare with its clock
source, a mark-space deviation of no greater than
±1.5% (from 50%) should be main-
tained at the interface. If the first edge that the DPLL sees does not occur on a bit cell
boundary, the DPLL will eventually lock on to the receive data but it will take longer to do
so.
5.5.3
DPLL Modes
The DPLL may be programmed to operate in either NRZI or FM modes, as selected by a
command in WR14. Note that as in the case of the DPLL clock source selection, the
mode of operation should only be changed while the DPLL is disabled to prevent unpre-
dictable results.
5.5.3.1
NRZI Mode
In NRZI mode, the clock supplied to the DPLL must be 32 times the data rate. In this
mode the transmit and receive clock outputs of the DPLL are identical, and the clocks are
phased so that the receiver samples the data in the middle of the bit cell. In NRZI mode,
the DPLL does not require a transition in every bit cell, so this is useful for recovering the
clocking information from NRZ and NRZI data streams.
The DPLL uses the x32 clock along with the receive data, to construct receive and trans-
mit clock outputs that are phased to properly receive and transmit data.
To do this, the DPLL divides each bit cell into two regions, and makes an adjustment to
the count cycle of the 5-bit counter dependent upon in which region a transition on the
receive data input occurred. This is shown in Figure 5–6. Ordinarily, a bit cell boundary
will occur between count 15 and count 16, and the DPLL output will cause the data to be
sampled in the middle of the bit cell. The DPLL actually allows the transition marking a bit
cell boundary to occur anywhere during the second half of count 15 or the first half of
count 16 without making a correction to its count cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com