Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530H Datasheet(PDF) 111 Page - Advanced Micro Devices

Part # AM8530H
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530H Datasheet(HTML) 111 Page - Advanced Micro Devices

Back Button AM8530H Datasheet HTML 107Page - Advanced Micro Devices AM8530H Datasheet HTML 108Page - Advanced Micro Devices AM8530H Datasheet HTML 109Page - Advanced Micro Devices AM8530H Datasheet HTML 110Page - Advanced Micro Devices AM8530H Datasheet HTML 111Page - Advanced Micro Devices AM8530H Datasheet HTML 112Page - Advanced Micro Devices AM8530H Datasheet HTML 113Page - Advanced Micro Devices AM8530H Datasheet HTML 114Page - Advanced Micro Devices AM8530H Datasheet HTML 115Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 194 page
background image
6–1
CHAPTER 6
Register Description
6.1
Introduction
6–3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.2
Write Registers
6–5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.2.1
Write Register 0 (Command Register)
6–5
. . . . . . . . . . . . . . . . . . . . . . . .
6.2.2
Write Register 1 (Transmit/Receive Interrupt
and Data Transfer Mode Definition)
6–7
. . . . . . . . . . . . . . . . . . . . . . . . . .
6.2.3
Write Register 2 (Interrupt Vector)
6–9
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.2.4
Write Register 3 (Receive Parameters
and Control)
6–10
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.2.5
Write Register 4 (Transmit/Receiver
Miscellaneous Parameters and Modes)
6–11
. . . . . . . . . . . . . . . . . . . . . . .
6.2.6
Write Register 5 (Transmit Parameter
and Controls)
6–13
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.2.7
Write Register 6 (SYNC Characters or
SDLC Address Field)
6–15
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.2.8
Write Register 7 (SYNC Character or SDLC
FLAG/SDLC Option Register)
6–17
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.2.9
Write Register 8 (Transmit Buffer)
6–18
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.2.10 Write Register 9 (Master Interrupt Control)
6–18
. . . . . . . . . . . . . . . . . . . . .
6.2.11 Write Register 10 (Miscellaneous Transmitter/
Receiver Control Bits)
6–20
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.2.12 Write Register 11 (Clock Mode Control)
6–23
. . . . . . . . . . . . . . . . . . . . . . .
6.2.13 Write Register 12 (Lower Byte of Baud
Rate Generator Time Constant)
6–26
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.2.14 Write Register 13 (Upper Byte of Baud
Rate Generator Time Constant)
6–26
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.2.15 Write Register 14 (Miscellaneous Control Bits)
6–27
. . . . . . . . . . . . . . . . . .
6.2.16 Write Register 15 (External/Status
Interrupt Control)
6–29
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.3
Read Registers
6–30
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.3.1
Read Register 0 (Transmit/Receive Buffer
Status and External Status)
6–30
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.3.2
Read Register 1
6–33
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.3.3
Read Register 2
6–35
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.3.4
Read Register 3
6–35
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.3.5
Read Register 6
6–36
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.3.6
Read Register 7
6–36
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.3.7
Read Register 8
6–37
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.3.8
Read Register 10
6–37
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.3.9
Read Register 12
6–38
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.3.10 Read Register 13
6–38
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.3.11 Read Register 15
6–39
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com