Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530H Datasheet(PDF) 119 Page - Advanced Micro Devices

Part # AM8530H
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530H Datasheet(HTML) 119 Page - Advanced Micro Devices

Back Button AM8530H Datasheet HTML 115Page - Advanced Micro Devices AM8530H Datasheet HTML 116Page - Advanced Micro Devices AM8530H Datasheet HTML 117Page - Advanced Micro Devices AM8530H Datasheet HTML 118Page - Advanced Micro Devices AM8530H Datasheet HTML 119Page - Advanced Micro Devices AM8530H Datasheet HTML 120Page - Advanced Micro Devices AM8530H Datasheet HTML 121Page - Advanced Micro Devices AM8530H Datasheet HTML 122Page - Advanced Micro Devices AM8530H Datasheet HTML 123Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 194 page
background image
Register Description
AMD
6–9
Receive Interrupt on Special Condition (11). This mode allows the receiver to interrupt
only on characters with a special receive condition. When an interrupt occurs, the data
containing the error are held in the receive FIFO until an Error Reset command is issued.
When using this mode in conjunction with a DMA, the DMA can be initialized and enabled
before any characters have been received by the SCC. This eliminates the time-critical
section of code required in the Receive Interrupt on First Character or Special Condition
mode; i.e., all data can be transferred via the DMA so that the CPU need not handle the
first received character as a special case.
Bit 2: Parity Is Special Condition
If this bit is set to ‘1’, any received characters with parity not matching the sense pro-
grammed in WR4 give rise to a Special Receive Condition. If parity is disabled (WR4),
this bit is ignored. A special condition modifies the status of the interrupt vector stored in
WR2. During an interrupt acknowledge cycle, this vector can be placed on the data bus.
Bit 1: Transmitter Interrupt Enable
If this bit is set to “1’, the transmitter requests an interrupt whenever the transmit buffer
becomes empty.
Bit 0: External/Status Master Interrupt Enable
This bit is the master enable for External/Status interrupts including
DCD, CTS, SYNC
pins, break/abort, the beginning of CRC transmission when the Transmit/Underrun/EOM
latch is set, or when the counter in the baud rate generator reaches ‘0’. Write Register 15
contains the individual enable bits for each of these sources of External/Status interrupts.
This bit is reset by a channel or hardware reset.
6.2.3
Write Register 2 (Interrupt Vector)
WR2 is the interrupt vector register. Only one vector register exists in the SCC, but it can
be accessed through either channel. The interrupt vector can be modified by status infor-
mation. This is controlled by the Vector Includes Status (VIS) and the Status High/Status
Low bits in WR9. When the register is accessed in Channel A, the vector returned is the
vector actually stored in WR2. When this register is accessed in Channel B, the vector
returned includes status information in bits 1, 2, and 3 or in bits 6, 5, and 4, depending on
the state of the Status High/Status Low bit in WR9 and independent of the state of VIS bit
in WR9. The bit positions for WR2 are shown in Figure 6–3.
D7 D6 D5 D4 D3 D2 D1 D0
V3
V4
V5
V6
V0
V1
V2
V7
Figure 6–3. Write Register 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com