Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530H Datasheet(PDF) 125 Page - Advanced Micro Devices

Part # AM8530H
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530H Datasheet(HTML) 125 Page - Advanced Micro Devices

Back Button AM8530H Datasheet HTML 121Page - Advanced Micro Devices AM8530H Datasheet HTML 122Page - Advanced Micro Devices AM8530H Datasheet HTML 123Page - Advanced Micro Devices AM8530H Datasheet HTML 124Page - Advanced Micro Devices AM8530H Datasheet HTML 125Page - Advanced Micro Devices AM8530H Datasheet HTML 126Page - Advanced Micro Devices AM8530H Datasheet HTML 127Page - Advanced Micro Devices AM8530H Datasheet HTML 128Page - Advanced Micro Devices AM8530H Datasheet HTML 129Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 194 page
background image
Register Description
AMD
6–15
Bit 3: Transmit Enable
Data is not transmitted until this bit is set, and the TxD output sends continuous ‘1’s un-
less Auto Echo mode or SDLC Loop mode is selected. If this bit is reset after transmis-
sion has started, the transmission of data or sync characters is completed. If the
transmitter is disabled during the transmission of a CRC character, sync or flag charac-
ters are sent instead of CRC. This bit is reset by a channel or hardware reset.
Bit 2: SDLC/CRC-16
This bit selects the CRC polynomial used by both the transmitter and receiver. When set,
the CRC-16 polynomial is used; when reset, the SDLC polynomial is used. The
SDLC/
CRC polynomial must be selected when SDLC mode is selected. The CRC generator and
checker can be preset to all ‘0’s or all ‘1’s, depending on the state of the Preset 1/Preset
0 bit in WR10.
Bit 1: Request To Send
This is the control bit for the
RTS pin. When the RTS bit is set, the RTS pin goes Low;
when reset
RTS goes High. In the Asynchronous mode with the Auto Enables bit set,
RTS goes High only after all bits of the character have been sent and the transmit buffer
is empty. In synchronous modes or the Asynchronous mode with auto enables off, the pin
directly follows the state of this bit. This bit is reset by a channel or hardware reset.
Bit 0: Transmit CRC Enable
This bit determines whether or not CRC is calculated on a transmit character. If this bit is
set at the time the character is loaded from the transmit buffer to the Transmit Shift regis-
ter, CRC is calculated on that character. CRC is not automatically sent unless this bit is
set when the transmit underrun exists.
6.2.7
Write Register 6 (Sync Characters or SDLC
Address Field)
WR 6 is programmed to contain the transmit sync character in the Monosync mode. The
first byte of a 16-bit sync character in the External Sync mode. WR6 is not used in asyn-
chronous modes. In the SDLC modes, it is programmed to contain the secondary address
field used to compare against the address field of the SDLC Frame. In SDLC mode, the
SCC does not automatically transmit the station address at the beginning of a response
frame. Bit positions for WR6 are shown in Figure 6–7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com