Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530H Datasheet(PDF) 135 Page - Advanced Micro Devices

Part # AM8530H
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530H Datasheet(HTML) 135 Page - Advanced Micro Devices

Back Button AM8530H Datasheet HTML 131Page - Advanced Micro Devices AM8530H Datasheet HTML 132Page - Advanced Micro Devices AM8530H Datasheet HTML 133Page - Advanced Micro Devices AM8530H Datasheet HTML 134Page - Advanced Micro Devices AM8530H Datasheet HTML 135Page - Advanced Micro Devices AM8530H Datasheet HTML 136Page - Advanced Micro Devices AM8530H Datasheet HTML 137Page - Advanced Micro Devices AM8530H Datasheet HTML 138Page - Advanced Micro Devices AM8530H Datasheet HTML 139Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 194 page
background image
Register Description
AMD
6–25
Bits 4 and 3: Transmit Clock 1 and 0
These bits determine the source of the transmit clock as shown in Table 6–7. They do not
interfere with any of the modes of operation of the SCC but simply control a multiplexer
just before the internal transmit clock input. The DPLL output that may be used to feed
the transmitter in FM modes lags by 90 the output of the DPLL used by the receiver. This
makes the received and transmitted bit cells occur simultaneously, neglecting delays. A
hardware reset selects the TRxC pin as the source of the transmit clocks.
Table 6–7. Transmit Clock Source
D4
D3
0
0
Transmit Clock = RTxC pin
0
1
Transmit Clock =
TRxC pin
1
0
Transmit Clock = BRG output
1
1
Transmit Clock = DPLL output
Bit 2: TRxC O/I
This bit determines the direction of the TRxC pin. If this it is set to ‘1’, the
TRxC pin is an
output and carries the signal selected by D1 and D0 of this register. However, if either the
receive or the transmit clock is programmed to come from the
TRxC pin, TRxC will be an
input, regardless of the state of this bit. The
TRxC pin is also an input if this bit is set to
‘0’. A hardware reset forces this bit to ‘0’.
Bits 1 and 0: TRxC Output Source 1 And 0
These bits determine the signal to be echoed out of the SCC via the
TRxC pin. No signal
is produced if
TRxC has been programmed as the source of either the receive or the
transmit clock. If
TRxC O/I (bit 2) is set to ‘0’, these bits are ignored.
If the XTAL oscillator output is programmed to be echoed, and the XTAL oscillator has
not been enabled, the
TRxC pin hoes High. The DPLL signal that is echoed is the DPLL
signal used by the receiver. Hardware reset selects the XTAL oscillator as the output
source.
Table 6–8. Transmit External Control Selection
D1
D0
00
TRxC = XTAL oscillator output
01
TRxC = Transmit Clock
10
TRxC = BRG output
11
TRxC = DPLL output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com