Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM8530H Datasheet(PDF) 153 Page - Advanced Micro Devices

Part # AM8530H
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530H Datasheet(HTML) 153 Page - Advanced Micro Devices

Back Button AM8530H Datasheet HTML 149Page - Advanced Micro Devices AM8530H Datasheet HTML 150Page - Advanced Micro Devices AM8530H Datasheet HTML 151Page - Advanced Micro Devices AM8530H Datasheet HTML 152Page - Advanced Micro Devices AM8530H Datasheet HTML 153Page - Advanced Micro Devices AM8530H Datasheet HTML 154Page - Advanced Micro Devices AM8530H Datasheet HTML 155Page - Advanced Micro Devices AM8530H Datasheet HTML 156Page - Advanced Micro Devices AM8530H Datasheet HTML 157Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 194 page
background image
SCC Application Notes
AMD
7–4
Bits D4–D0 are Mode bits that can be enabled or disabled either by being set to ‘1’ or re-
set to ‘0’. Each Mode bit affects only one function. For example, Bit D1 is the No Vector
mode bit; it controls whether or not the SCC will respond to an interrupt acknowledge cy-
cle by placing a vector on the data bus. If this bit is set, no vector is returned. In Com-
mand bits entry, each new command requires a separate rewrite of the entire register.
Care must be taken when issuing a command so that the Mode bits are not changed acci-
dentally.
7.1.1.2
Initialization Procedure
The SCC initialization procedure is divided into three parts. The first part consists of pro-
gramming the operation modes (e.g., bits-per-character, parity) and loading the constants
(e.g., interrupt vector, time constants). The second part enables the hardware functions
(e.g., transmitter, receiver, baud-rate generator). It is important that the operating modes
are programmed before the hardware functions are enabled. The third part, if required,
consists of enabling the different interrupts.
Table 7–2 shows the order (from top to bottom) in which the SCC registers are to be pro-
grammed. Those registers that need not be programmed are listed as optional in the
comments column. The bits in the registers that are marked with an ‘X’ are to be pro-
grammed by the user. The bits marked with an ‘S’ are to be set to their previous pro-
grammed value. For example, in part 2, Write Register 3, bits D1–D7 are shown with an
‘S’ because they have been programmed in part 1 and must remain set to the same
value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com