Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3658 Datasheet(PDF) 7 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 7 Page - ams AG

Back Button AS3658 Datasheet HTML 3Page - ams AG AS3658 Datasheet HTML 4Page - ams AG AS3658 Datasheet HTML 5Page - ams AG AS3658 Datasheet HTML 6Page - ams AG AS3658 Datasheet HTML 7Page - ams AG AS3658 Datasheet HTML 8Page - ams AG AS3658 Datasheet HTML 9Page - ams AG AS3658 Datasheet HTML 10Page - ams AG AS3658 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
6 - 157
AS3658
Data Sheet Confidential - Pin Assignmen ts
4 Pin Assignments
1
2
34
5
6789
10
11
12
13
14
A
NC/
VSS
_CP
LRC
LK1
SCL
K3
VI2S
SDO
1
VCP
_N
VCP
_P
VCP
_OU
T
VDI
G34
_IN
VDI
G1_I
N
LOU
T_R
LINE
_CM
HPL
1
NC/
BV
SS
B
SDI2
SCLK1
SDI1
SDA
VSS_C
P
VCP_I
N
VDIG_
2
VDIG2
_IN
VDIG_
1
LOUT_
L
HP_C
M
HPR
2
C
Q32k
SCLK2
HPR1
HPL2
D
DCDC
_SENS
E_P1
MCLK
2
SDO3
SCL
VDIG_
4
VDIG_
3
MCLK
1
LRCLK
2
ALVD
D
HP_
CM_
PWR
E
VSUP
PLY_4
DCDC
_SENS
E_N1
LRCLK
3
BVSS
AVDD
LINR
F
VSUP
PLY_3
DCDC
_GATE
1
SPDIF
XRES
ET
XINT
MICS
VDAC
LINL
G
LX3
DCDC
_GATE
2
DCDC
_SENS
E_N2
DCDC
_SENS
E_P2
VSSA
MICN
VSUP
PLY_6
VSU
P_S
W12
H
PGND
3
PGND
2
DCDC
_FB1
FB3
VSSA
MICP
VBAT_
SW12
VSU
P_S
W12
J
LX2
VSS_C
H
DCDC
_FB2
FB2
VSSA
VREF
BAT_S
W
VBAT
_SW
12
K
VSUP
PLY_1
VSUP
PLY_2
FB1
AGND
ISENS
N
ISEN
SP
L
LX1
VOFF_
B
CURR
4_GPI
O4
DCDC
_CUR
R1
DCDC
_CUR
R3
GND_
SW
RPRO
GRAM
CREF
GND_
SENS
E
RBIA
S
M
PGND
1
VGAT
E
V_BAT
VBA
CK
N
PGAT
E1
VSUP
PLY_5
XON
CURR
1_GPI
O1
CURR
3_GPI
O3
DCDC
_CUR
R2
ADC_I
N1
ADC_I
N2
VRF_2
VCHA
RGER
V2_5
XOU
T32
P
NC/
VSSA
CH_S
ENSE_
P
CH_S
ENSE_
N
VCUR
R_GPI
O
VSS_C
URR
CURR
2_GPI
O2
VSUP_
USB
V_USB
VRF1_
IN
VRF_1
VRF23
_IN
VRF_3
XIN32
NC/
VSS
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com