Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3658 Datasheet(PDF) 83 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 83 Page - ams AG

Back Button AS3658 Datasheet HTML 79Page - ams AG AS3658 Datasheet HTML 80Page - ams AG AS3658 Datasheet HTML 81Page - ams AG AS3658 Datasheet HTML 82Page - ams AG AS3658 Datasheet HTML 83Page - ams AG AS3658 Datasheet HTML 84Page - ams AG AS3658 Datasheet HTML 85Page - ams AG AS3658 Datasheet HTML 86Page - ams AG AS3658 Datasheet HTML 87Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
82 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption-Power Management Functions
8.12.2 Digital LDO’s (VDIG_1, VDIG_2, VDIG_3, VDIG_4)
The Digital LDO’s can be used in any medium power system or subsystem where quiescent power consumption of the
regulator itself has to be minimized without sacrificing its performance. For its stability a cheap 1µF ceramic capacitor
is required. The 5V charge pump will be switched on automatically, if one of the digital LDO’s are switched on.
Figure 33. Digital LDO Block diagram
VLoadReg
Load regulation
-1
1
mV
Static
-10
10
Transient; Slope: tr=10µs
ILIMIT_VRF1_HCUR
R
Current limitation
800
mA
VRF_1, rf1_lcurr_en=0
ILIMIT_VRF1_LCURR
Current limitation
400
mA
VRF_1, rf1_lcurr_en=1 and during
startup
ILIMIT_VRF2,3_L
Current limitation
VRF_2,3 low current
limit
300
mA
rf2_lcurr_en=1, rf3_lcurr_en=1
ILIMIT_VRF2,3_H
Current limitation
VRF_2,3 high current
limit
500
mA
rf2_lcurr_en=0, rf3_lcurr_en=0
CLOAD_RF1
Load capacitor
2
5
µF
ceramic only (VRF_1)
CLOAD_RF2,3_L
Load capacitor
1
5
µF
ceramic only (VRF_2,3) for
rf1_lcurr_en=1 and rf2_lcurr_en=1
CLOAD_RF2,3_H
Load capacitor
2
5
µF
ceramic only (VRF_2,3) for
rf1_lcurr_en=0 and rf2_lcurr_en=0
1. Guaranteed by design and verified by laboratory evaluation and characterization; not production tested.
Table 81. Digital LDO (VDIG1, VDIG2, VDIG3, VDIG4) Characteristics,VSUPPLY=4V; ILOAD=200mA; Tamb=25ºC;
CLOAD =1µF (Ceramic); unless otherwise specified
Symbol
Parameter
Min
Typ
Max
Unit
Note
VDIGX_IN
Supply voltage range
1
5.5
V
IOUT
Output current
1
0200
mA
Vout<2.2V;
VDIGX_IN>Vout+RON*IOUT
0100
mA
Vout<2.5V;
VDIGX_IN>Vout+RON*IOUT
RON
On resistance
4
Ω
Vout<2.2V
Table 80. Analog LDO (VRF_1, VRF_2, VRF_3) Characteristics, Vx_IN=4V; ILOAD=150mA; Tamb=25ºC;
CLOAD =2.2µF (Ceramic); unless otherwise specified
Symbol
Parameter
Min
Typ
Max
Unit
Note

μ




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com