Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3658 Datasheet(PDF) 32 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 32 Page - ams AG

Back Button AS3658 Datasheet HTML 28Page - ams AG AS3658 Datasheet HTML 29Page - ams AG AS3658 Datasheet HTML 30Page - ams AG AS3658 Datasheet HTML 31Page - ams AG AS3658 Datasheet HTML 32Page - ams AG AS3658 Datasheet HTML 33Page - ams AG AS3658 Datasheet HTML 34Page - ams AG AS3658 Datasheet HTML 35Page - ams AG AS3658 Datasheet HTML 36Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
31 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption-Power Management Functions
Moreover, a special function can be selected for each digital input pin and a pull-up resistor to VCURR_GPIO or a pull-
down resistor can be enabled.
Table 23. High Current GPIO Pin Characteristics (VCURR1_GPIO1 … VCURR4_GPIO4)
VVSUPPLY=3.0 to 5.5V; Tamb= –20 to +70°C; unless otherwise specified
Symbol
Parameter
Min
Typ
Max
Unit
Note
VGPIOMAX
Maximum voltage
on
CURR1...4_GPIO
1…4 pins
VCURR_GPIO+
0.3
V
Pin VCURR_GPIO is used as supply for
the GPIO pins
VOLH
Low level output
voltage switch
mode
–0.3
+0.35
V
IOL=+100mA; digital output
(GPIOxMode=100b and
currX_current=3Fh)
VOL
Low level output
voltage
–0.3
+0.4
V
IOL=+1mA; digital output
(GPIOxMode=000b ... 010b)
VOH
High level output
voltage
0.8·VCURR_G
PIO.
VCURR_GPIO
V
IOH=–1mA; digital push-pull output
VIL
Low level input
voltage
–0.3
0.4
V
digital input
VIH
High level input
voltage
1.3
VCURR_GPIO
V
digital input
ILEAKAGE
Leakage current
10
µA
high impedance
Rpull-up
Pull-up resistance
78
k
Ω
GPIOxMode=x0b; GPIOxPulls=10b;
VCURR_GPIO=3.6V
Rpull-down
Pull-down
resistance
161
k
Ω
digital input; GPIOxPulls=01b;
VCURR_GPIO=3.6V
Table 24. CURR1_GPIO1 Bit definition
Addr: 18
GPIO1
This register controls the mode of the CURR1_GPIO1 Pin
Bit
Bit Name
Default Access
Description
2…0
GPIO1Mode
ROM
R/W
000b
digital open drain NMOS output
(only NMOS enabled)
001b
digital push-pull output
(NMOS & PMOS enabled, no PWM out possible)
010b
digital input
(NMOS & PMOS disabled, digital input logic
enabled)
011b
digital open drain current sink operation Current
defined by curr1_current
100b
digital open drain switch operation On resistance
defined by curr1_current
101b
to
111b
high impedance (or SD1 in DCDC step
down external controller mode
(sd1_1A_mode = 1100b)).NMOS & PMOS disabled,
digital input logic disabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com