Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3658 Datasheet(PDF) 72 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 72 Page - ams AG

Back Button AS3658 Datasheet HTML 68Page - ams AG AS3658 Datasheet HTML 69Page - ams AG AS3658 Datasheet HTML 70Page - ams AG AS3658 Datasheet HTML 71Page - ams AG AS3658 Datasheet HTML 72Page - ams AG AS3658 Datasheet HTML 73Page - ams AG AS3658 Datasheet HTML 74Page - ams AG AS3658 Datasheet HTML 75Page - ams AG AS3658 Datasheet HTML 76Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
71 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption-Power Management Functions
Figure 28. sdX_dis_curmin=1 operation
1: LX voltage, 2:coil current (1mV=1mA) 3: Vout
High efficiency operation (default setting):
Bit settings:
sdX_dis_curmin=0
In this mode there is a minimum coil current necessary before switching off the PMOS. As result there are less pulses
at low output load necessary, and therefore the efficiency at low output load is increased. This results in higher ripple,
and noisy pulse skip operation up to a higher output current.
Figure 29. sdX_dis_curmin=0 operation
1: LX voltage, 2:coil current (1mV=1mA) 3: Vout
It’s also possible to switch between these two modes during operation:
For Example:
sdX_dis_curmin=0: System is in idle state. No audio, RF signal. Decreased supply current preferred. Increased ripple
doesn’t affect system performance.
sdX_dis_curmin=1: System is operating. Audio signal on and/or RF signal used. Decreased ripple and noise preferred.
Increased power supply current can be tolerated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com