Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3658 Datasheet(PDF) 51 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 51 Page - ams AG

Back Button AS3658 Datasheet HTML 47Page - ams AG AS3658 Datasheet HTML 48Page - ams AG AS3658 Datasheet HTML 49Page - ams AG AS3658 Datasheet HTML 50Page - ams AG AS3658 Datasheet HTML 51Page - ams AG AS3658 Datasheet HTML 52Page - ams AG AS3658 Datasheet HTML 53Page - ams AG AS3658 Datasheet HTML 54Page - ams AG AS3658 Datasheet HTML 55Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 158 page
background image
Table 42. Charger status Bit definitions
Addr:100
Charger status_usb
These bits show the status of the USB charger
Bit
Bit Name
Default
Access
Description
www.austriamicrosystems.com
Revision 1v13
50 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption-Power Management Functions
Charger Detection:
The Charger will be detected by comparison of the V_USB voltage with the Vsupply voltage.
If V_USB is 50mV higher than VSupply voltage or V_USB > 4.3V or the USB_ChDet is set to 1.
Table 43. USB Charger Characteristics,VUSB=4.3…5.5V; Tamb=–20…+85°C; unless otherwise specified.
Symbol
Parameter
Min
Typ
Min
Unit
Note
5
dis_batsw_tmp_prot
ROM
R/W
0
Overtemperature protection of battery switch
enabled. (If battery switch is in current
source mode, charging is stopped if chip
temperature exceeds 110ºC)
1
Overtemperature protection of battery switch
disabled
6
no_charging
ROM
R/W
0
Normal battery charger operation (usb
charger and/or step down charger)
1
USB and Step down charger is supplying
VSUPPLY, but battery switch is open.
USB charger or external charger regulate to
Vchlimit
7
ext_batsw_en
ROM
R/W
0
External battery switch disabled (Pin
BAT_SW= VSUPPLY,VBAT)
1
External battery switch enabled (Pin
BAT_SW=0V, if status bits batsw_on=1 and
batsw_mode=1. These bits are controlled by
the charger state machine)
0
USB_ChDet
NA
R
set to 1 if charger is detected
1
USB_Chact
NA
R
Set to 1 if charger is active
4
Ch_overvoltage
NA
R
Set to 1 if overvoltage on pin VCHARGER is applied
Iusbcurrent500mA
USBcurrent for 500mA
selection
440
470
500
mA
Resistor on pin RBias to ground of
220k
Ω
Iusbcurrent100A
USBcurrent for 100mA
selection
84
95
104
mA
Resistor on pin RBias to ground of
220k
Ω
Table 41. USB-Charger Bit definitions
Addr: 10
USB Charger control
This register controls the mode of the USB charger, and the charger state
machine
Bit
Bit Name
Default Access
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com