Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3658 Datasheet(PDF) 96 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 96 Page - ams AG

Back Button AS3658 Datasheet HTML 92Page - ams AG AS3658 Datasheet HTML 93Page - ams AG AS3658 Datasheet HTML 94Page - ams AG AS3658 Datasheet HTML 95Page - ams AG AS3658 Datasheet HTML 96Page - ams AG AS3658 Datasheet HTML 97Page - ams AG AS3658 Datasheet HTML 98Page - ams AG AS3658 Datasheet HTML 99Page - ams AG AS3658 Datasheet HTML 100Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 158 page
background image
Table 97. ADC_R Register
Addr:80
ADC_R
These bits control the Audio ADC volume and functions
Bit
Bit Name
Default Access
Description
www.austriamicrosystems.com
Revision 1v13
95 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption- Audio Functi ons
9.5
I2S master mode and PCM Mode
The digital audio interface can also operate in master mode by using I2S1 interface.
The pin MCLK2 is used as clock input in that case. Any input clock between sampling rate and 24MHz may be used as
input clock.
In Master Mode operation SCLK1 as output has 32 clock cycles for each sample word.
SCLK = [MCLK / 4] = [LRCLK * 256 / 4] = LRCK * 64
(EQ 8)
Sample Rates
In Master Mode the i2smaster control allows programming various sample rates. The master clock is generated from
the MCLK2 input. Sampling frequencies from 8kHz to 48kHz can be selected. For certain division ratios between
master clock and sample ratio a certain deviation is system inherent.
4:0
adr_vol
00000b
R/W
volume settings for right ADC input, adjustable in 32 steps
@ 1.5dB
00000
-34.5 dB gain
00001
-33 dB gain
.....
11110
10.5 dB gain
11111
12 dB gain
5
adc2dac
0b
R/W
0
normal mode
1
use ADC output as DAC input (for testing
purposes, equalizer is bypassed)
7:6
adcmux
00b
R/W
00
Microphone
01
Line In
10
reserved –do not use
11
Audio Sum (Output of Mixer)
Table 98. PLL,i2s_clk_divider settings
Sample rate
MCLK2 input
Divider
i2s_clk_divider
<10:0>
Actual sample
rate
Error
kHz
kHz
kHz
%
2
1
*
2
1
*
2
+
=
RD
f
LRCLK
MCLK
48,000
12288
126,00
126
48,00
0,00
44,100
12288
137,32
137
44,20
0,23
32,000
12288
190,00
190
32,00
0,00
29,400
12288
206,98
207
29,40
-0,01
24,000
12288
254,00
254
24,00
0,00
22,050
12288
276,64
277
22,02
-0,13
12,000
12288
510,00
510
12,00
0,00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com