Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3658 Datasheet(PDF) 24 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 24 Page - ams AG

Back Button AS3658 Datasheet HTML 20Page - ams AG AS3658 Datasheet HTML 21Page - ams AG AS3658 Datasheet HTML 22Page - ams AG AS3658 Datasheet HTML 23Page - ams AG AS3658 Datasheet HTML 24Page - ams AG AS3658 Datasheet HTML 25Page - ams AG AS3658 Datasheet HTML 26Page - ams AG AS3658 Datasheet HTML 27Page - ams AG AS3658 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
23 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption-Power Management Functions
8.1.3 Step Up DCDC Converter Registers
Table 8. Step Up DC/DC Bit definitions
Addr: 30
Step Up DC/DC control
This register controls the different modes of the step up DCDC converter
Bit
Bit Name
Default
Access
Description
Table 9. Step Up DC/DC Bit definitions
Addr: 32
Step Up DC/DC control
This register controls the different modes of the step up DCDC converter
Bit
Bit Name
Default
Access
Description
5
stpup1_on
ROM
R/W
On/Off control of the step up dc/dc converter1
6
stpup2_on
ROM
R/W
On/Off control of the step up dc/dc converter2
0
stpup2_clkinv
00h
R/W
Invert input clock of step up2 converter
0
Use positive edge of internal clk
1
Use negative edge of internal clk
1
stpup1_freq
00h
R/W
Defines the clock frequency of the step up1 dc/dc
converter;
0fclk_int/2 (0.8 to 1.15 MHz)
1fclk_int/4 (0.4 to 0.575 MHz)
2
-
00h
n/a
Always set to 0
3
stpup1_res
00h
R/W
Gain selection for DCDC step_up1:
0
Select 0 if DCDC is used with current feedback
(DCDC_CURR1,DCDC_CURR2,DCDC_CURR3)
or if DCDC_FB is used with current feedback only
(Only R1,C1 connected; (see Figure 6))
1
Select 1 if DCDC_FB1 or DCDC_FB2 is used with
external resistor divider (2 resistors)
4
stpup2_fb_auto
00h
RW
0
step_up_fb select the feedback of the DCDC
converter
1
The feedback is automatically chosen within the
current sinks DCDC_CURR1,DCDC_ CURR2 and
DCDC_CURR3 (never DCDC_FB). Only those are
used for this selection, which are enabled and
connected to the step up converter
(currX_ctrl must be 10)
5
stpup2_freq
00h
R/W
Defines the clock frequency of the step up2 dc/dc
converter
0
fclk_int/2 (0.8 to 1.15 MHz)
1
fclk_int/4 (0.4 to 0.575 MHz)
6
-
00h
n/a
Always set to 0
7
stpup2_res
00h
R/W
Gain selection for DCDC step_up2:
0
Select 0 if DCDC is used with current feedback
(DCDC_CURR1,DCDC_CURR2,DCDC_CURR3)
or if DCDC_FB is used with current feedback only
(Only R1,C1 connected; (see Figure 6))
1
Select 1 if DCDC_FB1 or DCDC_FB2 is used with
external resistor divider (2 resistors)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com