Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3658 Datasheet(PDF) 49 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 49 Page - ams AG

Back Button AS3658 Datasheet HTML 45Page - ams AG AS3658 Datasheet HTML 46Page - ams AG AS3658 Datasheet HTML 47Page - ams AG AS3658 Datasheet HTML 48Page - ams AG AS3658 Datasheet HTML 49Page - ams AG AS3658 Datasheet HTML 50Page - ams AG AS3658 Datasheet HTML 51Page - ams AG AS3658 Datasheet HTML 52Page - ams AG AS3658 Datasheet HTML 53Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 158 page
background image
Table 40. Step down Charger Bit definitions
Addr: 37
Step Down charger control
These bits configures the step down charger
Bit
Bit Name
Default Access
Description
www.austriamicrosystems.com
Revision 1v13
48 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption-Power Management Functions
8.8
USB Charger
Figure 18. USB Charger Block Diagram
Cout_22
Output capacitor with 22µH
inductor
40
60
µF
X7R ceramic
Cout_Linear
Output capacitor in linear
mode
20
60
µF
X7R ceramic
L
Inductor
10/22
µH
(see Table 38)
Itrickle_limit
Trickle current limit
400
mA
0
sdc_frequ
0
R/W
0
fclk_int/4 (use as default, if Vcharger>6V)
1
fclk_int/8 (use as default, if Vcharger<6V)
1
sdc_pon
1
R/W
0
Disable 100% PMOS on mode for step down charger
1
Enable 100% PMOS on mode to reduce voltage drop
in low dropout regulation
2
sdc_pass_mode
0
R/W
0
Normal mode of step down charger mode
1
step down charger in pass through mode. Use this
mode with max. 5.5V charger only.
Vsupply=Vcharger in that mode, if no_charging=1.
Table 39. Step down Charger parameters
Symbol
Parameter
Min
Typ
Max
Unit
Note










!
"#$"
%& ' () ' *
"
!
+,-
!
% ,+(&, *
.
/ 0 01#
$/
"#$ ! .
!2 /
3040!
4 '04" 0 "
+'#
2 $"

!2
!
1 0
"#$! 3 !3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com