Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3658 Datasheet(PDF) 47 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 47 Page - ams AG

Back Button AS3658 Datasheet HTML 43Page - ams AG AS3658 Datasheet HTML 44Page - ams AG AS3658 Datasheet HTML 45Page - ams AG AS3658 Datasheet HTML 46Page - ams AG AS3658 Datasheet HTML 47Page - ams AG AS3658 Datasheet HTML 48Page - ams AG AS3658 Datasheet HTML 49Page - ams AG AS3658 Datasheet HTML 50Page - ams AG AS3658 Datasheet HTML 51Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
46 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption-Power Management Functions
Figure 16. External Linear Charger Application Diagram (VOFF_B connected to GND)
Table 38. Charger External Components
Symbol
Component
Value
Note
MCHARGER,
MBATSW,
MREVPOL
P-channel MOSFET
Si1403, FDC642P or FDC5614P similar
MCHRGPU
P-channel MOSFET
BSS84 or FDG312P or similar
RCHRGPU1
Pull-up resistor1
2k
Ω ± 5%
RCHRGPU2
Pull-up resistor2
100
Ω ± 5%
for MCHRGPU =BSS84
50
Ω ± 5%
for MCHRGPU=FDG312P
LCHARGER
Inductor for charging
10µH
5V or 6V Vcharger input
22µH
12V Vcharger input
DCHARGER
Diode
MBRS130 or PMEG2010
DCHRGPROT
Zener Diode
5.6V Zener Diode
RCHSHUNT
Current sense resistor
charger
70m
Ω ± 5%, 125mW
e.g. Vishay Dale WSL0805
series
RSENSE
Current sense resistor
50m
Ω ± 1%, 125mW for IVBAT,DC<1.5A
e.g. Vishay Dale WSL0805
series
RFILTER1,2
Filter resistor
4.7k
Ω ± 1%
Can be omitted if fuel gauge
and charger functionality is
not used
CFILTER
Filter capacitor
1µF ± 20%, X5R or X7R dielectric
CCHARGER
Bypass capacitor on
charger pin
1µF ± 20%, X5R or X7R dielectric +
22µF ± 20%, Tantal dielectric

 !"
#$
%&
%
#%#
%
#%
$
'(*
++(*
% ,-
% ,+
. $% ,-
. $% ,+
. $% ,
/
.
.
0
1
2 3
1
45
6 5
! 5 7
#
& !"
*/ $
-(*
*/ $
-
'89"
*/ $
+
'89"
/
#
/
#
#
*1
10
2 0
/
:
*2 ;'+
:. $ ,
*2 ;'+
**%.

:

%
.
%
.
.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com