Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3658 Datasheet(PDF) 13 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 13 Page - ams AG

Back Button AS3658 Datasheet HTML 9Page - ams AG AS3658 Datasheet HTML 10Page - ams AG AS3658 Datasheet HTML 11Page - ams AG AS3658 Datasheet HTML 12Page - ams AG AS3658 Datasheet HTML 13Page - ams AG AS3658 Datasheet HTML 14Page - ams AG AS3658 Datasheet HTML 15Page - ams AG AS3658 Datasheet HTML 16Page - ams AG AS3658 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
12 - 157
AS3658
Data Sheet Confidential - Absolute Maximum rati ngs
5 Absolute Maximum ratings
Stresses beyond those listed in Table 3 may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in Section 6 Electrical
Characteristics on page 13 is not implied. Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.
Table 3. Absolute Maximum Ratings
Parameter
Min
Max
Unit
Note
High voltage pins (VIN_HV)
-0.3
17.0
V
Applicable for high voltage pins
1
1. HV pins
VCHARGER, VGATE, VOFF_B, DCDC_CURR1, DCDC_CURR2, DCDC_CURR3
5V pins (VIN_MV)
-0.3
7.0
V
Applicable for pins 5V-pins
2
2. 5V pins are
V_USB, CH_SENSE_N, CH_SENSE_P, VSUP_SW1, VSUP_SW2, VBAT_SW1, VBAT_SW2, V_BAT, SCL,
SDA, XRESET, XINT, VSUPPLY_3, CURR1_GPIO1…CURR4_GPIO4, DCDC_GATE1, DCDC_GATE2,
DCDC_SENSE_P1, DCDCSENSE_P2, DCDC_SENSE_N1, DCDC_SENSE_N2, DCDC_FB1, DCDC_FB2,
VCL, VCP_OUT, VCP_N, VCP_P, VCP_IN, VCP_IN, VRF1, VREF1_IN, VRF2, VRF23_IN, VRF3, VDIG1,
VDIG1_IN, VDIG2, VDIG2_IN, VDIG34_IN, VDIG_3, VDIG_4, PGATE1 VSUPPLY_1, VSUPPLY_2, LX1, LX2,
GND_SW, VSUPPLY_4, LINE_CM, HP_CM_PWR, HP_CM, HPLx, HPRx, ALVDD, AVDD, LSP_R, BVSS,
LSP_L, AVDD, VSUPPLY_5, VSUPPLY_6
3.3V pins (VIN_LV)
-0.3
5.0
V
Applicable for 3.3V-Pins
3
3. 3.3V pins are
ISENSEP, ISENSEN, ADC_INx, RPROGRAM, V2_5, CREF, ON, VI2S, SDIx, SCLKx, MCLKx, LRCLKx,
SDOx, SPDIF, AGND, VREF, LINL,LINR, VDAC, Q32K, XIN32, XOUT32, VBACK, MICS, MICN, MICP
Input pin current (IIN)
-25
+25
mA
At 25 ºC, Norm: Jedec 78
Storage Temperature Range
(Tstrg)
-55
125
ºC
Humidity
5
85
%
Noncondens
Electrostatic discharge 1kV (VESD)
-1000
1000
V
Norm: MIL 883 E Method 3015; Setup
4
Applicable for pins: all
4. The following pins are connected to ESD setup:
VSUPPLY_1...VSUPPLY_6, VCP_IN, VRF1_IN, VRF2_IN, VCURR connected together
VDIG1_IN, VDIG2_IN, VDIG34_IN connected together
AVDD, ALVDD connected together
VBAT_SW1 and VBAT_SW2 connected together
VSUP_SW1 and VSUP_SW2 connected together
All VSS connected together
Total Power Dissipation
1W
TA = 70ºC
0.72
W
TA = 84ºC
Package Body Temperature
260
°C
IPC/JEDEC J-STD-020C, reflects moisture
sensitivity level only
The lead finish for Pb-free leaded packages is
matte tin (100% Sn).
Solder Profile
5
5. austriamicrosystems strongly recommends to use underfill.
235
245
°C
TPEAK
30
45
s
DWell, above 217 °C
Moisture Sensitive Level
3
1
Represents a max. floor live time of 168h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com