Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3658 Datasheet(PDF) 20 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 20 Page - ams AG

Back Button AS3658 Datasheet HTML 16Page - ams AG AS3658 Datasheet HTML 17Page - ams AG AS3658 Datasheet HTML 18Page - ams AG AS3658 Datasheet HTML 19Page - ams AG AS3658 Datasheet HTML 20Page - ams AG AS3658 Datasheet HTML 21Page - ams AG AS3658 Datasheet HTML 22Page - ams AG AS3658 Datasheet HTML 23Page - ams AG AS3658 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
19 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption-Power Management Functions
Figure 6. DC/DC step up 1 converter with regulated output voltage of 5V. Feedback is at pin DCDC_FB1
Voltage Feedback: (see Figure 6)
For Step UP DCDC 1 voltage feedback is always selected on pin DCDC_FB1. For Step-up UP DCDC 2 set step2_fb to
00 to enable voltage feedback at pin DCDC_FB2.
Bit stepX_res (X = 1 or 2) should be set to 1 in voltage feedback mode using two resistors.
The output voltage is regulated to a constant value, given by:
1
2
2
1
_
_
25
.
1
R
I
R
R
R
V
FB
DCDC
I
out
stepup
•
+
+
=
If R2 is not used, the output voltage is:
Vstepup_out: Step up regulator output voltage
R1 Feedback resistor R1
R2 Feedback resistor R2
IVturning: Tuning current on DCDC_FB pin: stpupX_v (0µA to 15µA (1µA steps)) (X= 1 or 2)

 ! "#
$%
&
(( )
'*+
!&
((!&
(
$,
&
 -.. /
$+0*
$**$
$**$
$&1

#2.$-.$3
45.
6'
7 "
+42
32
3$"- 2!
#2. $8 29
':
):
" )
3$"-

32 #;"5.
2
4

#.-. $" )$!3
#.-. $!
- 2!#2!#2
1
_
_
25
.
1
R
I
V
FB
DCDC
I
out
stepup
•
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com