Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3658 Datasheet(PDF) 42 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 42 Page - ams AG

Back Button AS3658 Datasheet HTML 38Page - ams AG AS3658 Datasheet HTML 39Page - ams AG AS3658 Datasheet HTML 40Page - ams AG AS3658 Datasheet HTML 41Page - ams AG AS3658 Datasheet HTML 42Page - ams AG AS3658 Datasheet HTML 43Page - ams AG AS3658 Datasheet HTML 44Page - ams AG AS3658 Datasheet HTML 45Page - ams AG AS3658 Datasheet HTML 46Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
41 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption-Power Management Functions
8.5
Smooth switchover Power Management Overview
Figure 12. Power Source Management Architecture
The power source management architecture handles the smooth transitions between the two chargers (USB Charger
on VBUS, DCDC Step Down charger or Linear Charger on VCHARGER) and the battery. It takes care about the
system power supply VSUPPLY and its power requirements.
There are following operating conditions possible
1. No Charger connected
The internal switch SINT and the (optional) external switch MBATSW are closed and VSUPPLY is directly supplied by
VBAT. Because of the very low impedance of the switches the energy losses are minimized.
2. The active charger can deliver more current than the system requires
The system is directly supplied by the charger and the remaining energy can be used to charge the battery (CC/CV
charger). In case of deeply discharged batteries, the system is always immediately started and the internal current
source between VSUPPLY and VBAT delivers the trickle current to the battery.
3. The current limited (e.g. for USB with 500mA) charger cannot deliver the current, the system requires
In this case, the ideal diode starts conducting and delivers the remaining current to the system
The transitions between the different power states are done autonomously by the AS3658 allowing an uninterrupted
operation of the system.
The blocks are described in more detail in the following sections.




 !"!
#$ %

 !" !
& '
"
(
!)
* '
( *
+,
-+
*(
)+ %
/
! (
! !"!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com