Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3658 Datasheet(PDF) 30 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 30 Page - ams AG

Back Button AS3658 Datasheet HTML 26Page - ams AG AS3658 Datasheet HTML 27Page - ams AG AS3658 Datasheet HTML 28Page - ams AG AS3658 Datasheet HTML 29Page - ams AG AS3658 Datasheet HTML 30Page - ams AG AS3658 Datasheet HTML 31Page - ams AG AS3658 Datasheet HTML 32Page - ams AG AS3658 Datasheet HTML 33Page - ams AG AS3658 Datasheet HTML 34Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 158 page
background image
Table 21. CURR3 Current sink current Bit definition
Addr: 43
CURR3 control
This register controls the mode of the curr3 current sinks
Bit
Bit Name
Default Access
Description
Table 22. CURR4 Current sink current Bit definition
Addr: 44
CURR4 control
This register controls the mode of the curr4 current sinks
Bit
Bit Name
Default Access
Description
www.austriamicrosystems.com
Revision 1v13
29 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption-Power Management Functions
7:0
curr3_current
(00)h
R/W
Defines the current into CURR3_GPIO3 if GPIO3_Mode =
011b and output enabled (e.g. GPIO3=1)
00h
power down (default state)
01h
0.15mA (LSB)
....
FFh
38.25mA
7:0
curr4_current
(00)h
R/W
Defines the current into CURR4_GPIO3 if GPIO4_Mode =
011b and output enabled (e.g. GPIO4=1)
00h
power down (default state)
01h
0.15mA (LSB)
....
FFh
38.25mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com