Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3658 Datasheet(PDF) 11 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 11 Page - ams AG

Back Button AS3658 Datasheet HTML 7Page - ams AG AS3658 Datasheet HTML 8Page - ams AG AS3658 Datasheet HTML 9Page - ams AG AS3658 Datasheet HTML 10Page - ams AG AS3658 Datasheet HTML 11Page - ams AG AS3658 Datasheet HTML 12Page - ams AG AS3658 Datasheet HTML 13Page - ams AG AS3658 Datasheet HTML 14Page - ams AG AS3658 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
10 - 157
AS3658
Data Sheet Confidential - Pin Assignmen ts
VSUPPLY_2
K2
P
Supply Pad for DCDC_Step down converter2, always connect
to VSUPPLY
LX2
J1
A
VSUPPLY DC/DC step down converter2 output
FB2
J7
A
VSUPPLY DC/DC step down converter2 feedback
PGND2
H2
A
VSUPPLY Power Ground of DCDC step down converter2
VSUPPLY_3
F1
P
Supply Pad for DCDC_Step down converter3, always connect
to VSUPPLY
LX3
G1
A
VSUPPLY DC/DC step down converter3 output
FB3
H6
A
VSUPPLY DC/DC step down converter3 feedback
PGND3
H1
A
VSUPPLY Power Ground of DCDC step down converter3
Audio
VSUPPLY_6
G13
P
Supply for VI2S Regulator
VI2S
A4
P
Supply Pad for I2S Interface, Connect to VDAC Supply
SDI1
B4
I
VI2S
I2S_1 Data input to DAC
SDO1
A5
O
VI2S
I2S_1 Data output from ADC
SCLK1
B3
I/O
VI2S
I2S_1 Shift clock input or output
LRCLK1
A2
I/O
VI2S
I2S_1 Left/Right clock input or output
MCLK1
D9
I/O
VI2S
Master clock input or output for I2S1: DAC (128*Fsdac or 256
*Fsdac)
SDI2
B1
I
VI2S
I2S_2 Data input to DAC
SCLK2
C2
I
VI2S
I2S_2 Shift clock
LRCLK2
D10
I
VI2S
I2S_2 Left/Right clock
MCLK2
D2
I
VI2S
Master clock input for I2S2: DAC (128*Fsdac or 256 *Fsdac)
SDO3(X-)
D5
I/O
VI2S
I2S_3 Data output (if touchpen interface disabled)
Touchpen Interface X- Input/Output (if touchpen interface
enabled)
SCLK3(X+)
A3
I/O
VI2S
I2S_3 Shift clock output (if touchpen interface disabled)
Touchpen Interface X+ Input/Output (if touchpen interface
enabled)
LRCLK3(Y-)
E4
I/O
VI2S
I2S_3 Left/Right clock output (if touchpen interface disabled)
Touchpen Interface Y- Input/Output (if touchpen interface
enabled)
SPDIF(Y+)
F4
I/O
VI2S
SPDIF digital output (if touchpen interface disabled)
Touchpen Interface Y+ Input/Output (if touchpen interface
enabled)
AGND
K11
A
VDAC
CM voltage bypass capacitor connection (1.45V)
VREF
J11
A
VDAC
VDAC voltage bypass capacitor connection (2.9V)
LINL
F14
A
VDAC
Line input left channel.
LINR
E14
A
VDAC
Line input right channel
GND_SW
L8
O
VSUPPLY Digital output for controlling the external NMOS
Table 2. Pin list CTBGA124, 8x8MM (AS3658)
Pin Name
Pin
Number
Pin
Type
Supply
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com