Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3658 Datasheet(PDF) 28 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 28 Page - ams AG

Back Button AS3658 Datasheet HTML 24Page - ams AG AS3658 Datasheet HTML 25Page - ams AG AS3658 Datasheet HTML 26Page - ams AG AS3658 Datasheet HTML 27Page - ams AG AS3658 Datasheet HTML 28Page - ams AG AS3658 Datasheet HTML 29Page - ams AG AS3658 Datasheet HTML 30Page - ams AG AS3658 Datasheet HTML 31Page - ams AG AS3658 Datasheet HTML 32Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 158 page
background image
Table 16. DCDC_CURR3 Current sink current bit definition
Addr: 45
DCDC_CURR3 Value
This register controls the current value of the dcdc_curr3 current sink
Bit
Bit Name
Default Access
Description
Table 17. Current sink control bit definition
Addr: 58
CURR control
This register controls the mode of the DCDC current sinks
Bit
Bit Name
Default Access
Description
www.austriamicrosystems.com
Revision 1v13
27 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption-Power Management Functions
7:0
dcdc_curr3_current
00h
R/W
Defines the current into DCDC_CURR3 if enabled by
dcdc_curr3_ctrl
00h
power down (default state)
01h
0.15mA (LSB)
....
FFh
38.25mA
1:0
dcdc_curr1_ctrl
00b
R/W
On/Off control of the pad DCDC_CURR1
00
Current sink is turned off
01
Current sink is active
10
Current sink is active and LED string connected to
stpup2. Required for automatic feedback selection
11
Controlled by PWM generator (do not set pwm_div)
3:2
dcdc_curr2_ctrl
00b
R/W
On/Off control of the pad DCDC_CURR2
00
Current sink is turned off
01
Current sink is active
10
Current sink is active and LED string connected to
stpup2. Required for automatic feedback selection
11
Controlled by PWM generator (do not set pwm_div)
5:4
dcdc_curr3_ctrl
00b
R/W
On/Off control of the pad DCDC_CURR3
00
Current sink is turned off
01
Current sink is active
10
Current sink is active and LED string connected to
stpup2. Required for automatic feedback selection
11
Controlled by PWM generator (do not set pwm_div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com