Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3658 Datasheet(PDF) 57 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 57 Page - ams AG

Back Button AS3658 Datasheet HTML 53Page - ams AG AS3658 Datasheet HTML 54Page - ams AG AS3658 Datasheet HTML 55Page - ams AG AS3658 Datasheet HTML 56Page - ams AG AS3658 Datasheet HTML 57Page - ams AG AS3658 Datasheet HTML 58Page - ams AG AS3658 Datasheet HTML 59Page - ams AG AS3658 Datasheet HTML 60Page - ams AG AS3658 Datasheet HTML 61Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
56 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption-Power Management Functions
Table 47. Charger control Bit definitions
Addr:11
Charger Control1
These bits controls the charger
Bit
Bit Name
Default Access
Description
0ChEn
ROM
R/W
0
Disable step down charger (Independent of bit
no_charging)
1
Enable step down charger (default) (Independent
of bit no_charging)
1
Ch_pwroff_en
ROM
R/W
0
Startup of AS3658 if charger is connected in
power_off mode
1
Don't exit power off mode, if charger is already
connected before entering power off mode; no
autonomous charging upon static charger detect.
Startup with rising edge of VCHARGER or V_USB,
RTC wakeup and XON pin only
2
CHOVDetEn
ROM
R/W
0
Overvoltage detection with linear external charger
enabled
1
Overvoltage detection with linear external charger
enabled. Battery charging disabled, if voltage
exceeded
3
AutoResume
ROM
R/W
0
Charging does not restart automatically in EOC
when bit Resume is set.
1
Charging will restart automatically in EOC when bit
Resume is set
4
usb_hold_chdet
ROM
R/W
0
Normal charge_detect operation
1
Charger detect of USB charger will not be reset, if
VUSB=VBAT. (Allow Battery charging, with
V_USB<4.4V down to 3.3V); for this case, software
should detect the removal of the charger
5
charging_tmax
ROM
R/W
0
Read: no timeout
reached
Write: reset charger timeout counter
1
tCHARGING,MAX timeout reached and charging
stopped
6
Ch_det_500ms
ROM
R/W
Controls the charge detect debounce timer on pin
VCHARGER, if external charger is connected. (If the
charger is removed the debounce time is always 3msec)
0
VCHARGER debounce timer is 3msec
1
VCHARGER debounce timer is 500msec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com