Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3658 Datasheet(PDF) 60 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 60 Page - ams AG

Back Button AS3658 Datasheet HTML 56Page - ams AG AS3658 Datasheet HTML 57Page - ams AG AS3658 Datasheet HTML 58Page - ams AG AS3658 Datasheet HTML 59Page - ams AG AS3658 Datasheet HTML 60Page - ams AG AS3658 Datasheet HTML 61Page - ams AG AS3658 Datasheet HTML 62Page - ams AG AS3658 Datasheet HTML 63Page - ams AG AS3658 Datasheet HTML 64Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
59 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption-Power Management Functions
The key building block of the VFC is an integrator. It will integrate the voltage VSNS across input pins ISENSP and
ISENSN. If VSNS is positive (battery is charged), the output voltage of the integrator increases; a negative input voltage
(battery is discharged) will cause the integrator output voltage to decrease.
Table 50. Fuel Gauge parameters
Symbol
Parameter
Min
Typ
Max
Unit
Note
Charge Current Accumulator
The output signals of the charge count dividers are used as inputs for the charge current accumulator that is realized
as a 15-bit up-down counter with separate inputs for incrementing and decrementing the counter. An additional sign bit
indicates the polarity of the counter value that is maintained in two’s complement format. The current accumulator is
updated at a rate equivalent to one count per 3.05µVh, which is equivalent to one count per 61.03µAh when using a
50m
Ω current sense resistor. It will roll over beyond (7FFF)h when incremented and (0000)h when decremented, and
the value given by the counter will be ambiguous in that case. It is the responsibility of the host to read the counter
before rollover occurs.
The content of the charge current accumulator will be transferred into the DeltaCharge register when the UpdReq bit in
the FuelGauge register has been set. The update of the register has to be synchronized to the sample clock fVFC and
can take up to 1.5 clock cycles (max. 2.5µs). After the registers have been updated successfully, the UpdReq bit is
cleared automatically and the charge current accumulator together with the sign bit will be reset.
Elapsed Time Counter
The sample clock fVFC of the fuel gauge circuit is fed to a 14-bit clock count divider. Its output signal is used as a
clocking signal for the 16-bit elapsed time counter, resulting in an equivalent rate of 1.1379 counts per second
(4096.60 counts = 1 hour). The elapsed time counter will rollover beyond (FFFF)h, and the value given by the counter
will be ambiguous in that case. It is the responsibility of the host to read the counter before rollover occurs.
The content of the elapsed time counter will be transferred into the ElapsedTime register when the UpdReq bit in the
FuelGauge register has been set. The update of the register has to be synchronized to the sample clock fVFC and can
take up to 1.5 clock cycles (max. 2.5µs). After the registers have been updated successfully, the UpdReq bit is cleared
automatically and the elapsed time counter will be reset.
Offset Calibration Mode
Although the VFC compensates for the offset of the integrator the fuel gauge features an additional offset calibration
mode to enhance the measurement accuracy even further. By setting the CalReq bit in the FuelGauge register the
integrator is reset and the offset calibration mode is activated. The charge count dividers are bypassed during offset
calibration to allow a faster calibration procedure with adequate resolution. The offset is accumulated during 16 clocks
of the elapsed time counter, the resulting offset calibration value FGOffCal has a resolution of 3.05µV and is
fCLK
Internal reference
clock
fclk_int/
2
MHz
internal CLK frequency/2
Programmable: 0.8 to 1.15 MHz
fVFC
Sample frequency
fCLK/59
Hz
VISENSP
VISENSN
Input voltage
-0.1
0.1
V
ZISENSP
ZISENSN
Input impedance
4.67
M
Ω
AVFC
Discharge and Charge
gain
91.0
Hz / V
fCLK = 1.1MHz
FRVFC
Fundamental rate
3.05
µVh
VOFF
Uncompensated offset
voltage
-500
500
µV
VOFF,COMP
Compensated offset
voltage
-50
±10
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com