Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS281 Datasheet(PDF) 8 Page - Dynex Semiconductor

Part # MAS281
Description  MIL-STD-1750A Microprocessor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MAS281 Datasheet(HTML) 8 Page - Dynex Semiconductor

Back Button MAS281 Datasheet HTML 4Page - Dynex Semiconductor MAS281 Datasheet HTML 5Page - Dynex Semiconductor MAS281 Datasheet HTML 6Page - Dynex Semiconductor MAS281 Datasheet HTML 7Page - Dynex Semiconductor MAS281 Datasheet HTML 8Page - Dynex Semiconductor MAS281 Datasheet HTML 9Page - Dynex Semiconductor MAS281 Datasheet HTML 10Page - Dynex Semiconductor MAS281 Datasheet HTML 11Page - Dynex Semiconductor MAS281 Datasheet HTML 12Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
MAS281
8/55
2.2.18 SYSTEM RESET (RESET)
This asynchronous active high input should be raised high
to reset the module. The high-to-low transition of this input will
start the module’s initialization.
2.2.19 START-UP ROM ENABLE (SURE)
This active high output goes high during initialization and
may also be asserted by software with the ESUR XIO
command. This signal remains high until removed by software
via the DSUR XIO command. When a Start-Up ROM is
present, this signal should be used to qualify its chip select or
output enable input such that the ROM may be accessed only
when SURE is high.
[NOTE: Instruction pipelining must be considered in
transitioning from Start-Up ROM to RAM when using the
DSUR XIO command. If a system overlays RAM with the Start-
Up ROM and transitions to execution from RAM by simply
executing DSUR from the ROM, then IA will contain the value
stored in the ROM location immediately following DSUR. This
value will be treated as an instruction and the module will
attempt to execute it. In such cases, it is recommended that
DSUR be followed by an unconditional branch instruction with
offset, i e, the BR instruction. An alternative approach is simply
to jump to a portion of RAM not overlaid by the Start-Up ROM
and execute DSUR from RAM.]
2.2.20 CONFIGURATION WORD (CONFW)
This active low output goes low when the module reads the
external configuration register and should be used as that
register’s output enable strobe (see Section 6.0). Table 1
defines the required format of the configuration register. A zero
in a given bit position indicates the specified device is present.
Bits 0 through 11 are not used by the module.
The configuration register is read during initialization to
determine the system configuration. It is also read whenever a
(BPT) instruction is executed to determine the presence of a
Console. If a console is not present, a BPT will be interpreted
as a NOP. DDN goes low during a configuration register read.
Thus, the configuration register must reside on the system AD
bus rather than the local AD bus (see Figure 5).
2.2.21 NORMAL POWER UP (NPU)
This active high output is dropped low during module
initialization as the first step of BIT. If BIT is successful, NPU
goes high and remains high until reset by software via the RNS
XIO command. NPU cannot be set high by software.
2.2.22 TIMER CLOCK (TCLK)
This clock input is used by interval timers A and B as well
as the interface fault timer. Timer A is clocked at the TCLK
frequency while timer B is clocked at a frequency of TCLK/10.
MIL-STD-1750A requires that this input be a 100kHz pulse
train.
during execution of XIO commands which are implemented in
the MA31751 MMU(BPU) chip.
If an MA31751 is used with the MAS281, it must reside on
the MAS281 local AD bus rather than the system buses (see
Figure 5). Table 7b in Section 4.0 identifies those XIO
commands which are implemented in the MA31751].
2.2.13 DIRECT MEMORY ACCESS ENABLE (DMAE)
This active high output goes high in response to the DMAE
XIO command. A high state indicates DMA requests will be
acknowledged; a low state indicates a DMA request will be
ignored.
2.2.14 DIRECT MEMORY ACCESS REQUEST (DMAR)
A low on this asynchronous active low input will cause the
processor to suspend internal operations at the end of the
current machine cycle. This request will only be acknowledged
by the module when DMAE is high.
2.2.15 DIRECT MEMORY ACCESS ACKNOWLEDGE
(DMAK)
This active low signal goes low in response to a DMA
request if DMAE is high. A low state grants use of the system
busses to the requesting DMA device by placing the module’s
AD bus, AS, DSN,RD/WN, M/ION and IN/OPN drivers into the
high impedance state and by pulling CDN and DDN low. The
high-to-low transition is synchronized to the falling edge of
SYNCN to ensure that the current machine cycle is completed
before the DMA device is granted the bus. DMAKN will remain
low until the requesting device raises DMARN.
2.2.16 HOLD REQUEST (HOLD)
A low on this asynchronous active low input will cause the
module to suspend internal processor functions at the end of
the currently executing MIL-STD-1750A instruction. A Hold
state is also entered if the processor encounters a breakpoint
(BPT) instruction and the configuration word indicates the
presence of a Console (bit 15 = 0).
[Note: Hold should be syncronised to the AS signal.]
2.2.17 HOLD ACKNOWLEDGE (HLDAK)
This active low output goes low either upon completion of
the MIL-STD-1750A instruction during which HOLDN went low
or if the processor encounters a breakpoint (BPT) instruction
with Console present indicated in the configuration word
register. A low on this signal indicates to the requesting device
that that the module AD bus, AS, DSN, M/ION, RD/WN, and
IN/OPN drivers have been placed in the high impedance state.
The Hold state is terminated either by raising HOLDN high or,
in the case of a BPT caused Hold, by pulsing HOLDN low and
high again (see Section 6.0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com