Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS281 Datasheet(PDF) 18 Page - Dynex Semiconductor

Part # MAS281
Description  MIL-STD-1750A Microprocessor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MAS281 Datasheet(HTML) 18 Page - Dynex Semiconductor

Back Button MAS281 Datasheet HTML 14Page - Dynex Semiconductor MAS281 Datasheet HTML 15Page - Dynex Semiconductor MAS281 Datasheet HTML 16Page - Dynex Semiconductor MAS281 Datasheet HTML 17Page - Dynex Semiconductor MAS281 Datasheet HTML 18Page - Dynex Semiconductor MAS281 Datasheet HTML 19Page - Dynex Semiconductor MAS281 Datasheet HTML 20Page - Dynex Semiconductor MAS281 Datasheet HTML 21Page - Dynex Semiconductor MAS281 Datasheet HTML 22Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 55 page
background image
MAS281
18/55
Figure 9: Register Set Model
Figure 10: Data Formats
4.2.4 IMMEDIATE LONG (IM, IMX)
There are two formats which implement Immediate Long
Addressing; one allows indexing and one does not. For the
indexable form, if the specified index register, RX, is not equal
to zero, the contents of RX are added to the immediate field to
form the required operand; otherwise, the immediate field
contains the required operand.
4.2.5 IMMEDIATE SHORT (IS)
In this mode the required 4-bit operand is contained within
the 16-bit instruction. The Immediate Short addressing mode
accommodates two formats; one which interprets the contents
of the immediate field as positive data and the other which
interprets the contents of the immediate field as a negative
data.
4.2.5.1 IMMEDIATE SHORT POSITIVE (ISP)
The immediate operand is treated as a positive integer
between 1 and 16.
4.2.5.2 IMMEDIATE SHORT NEGATIVE (ISN)
The immediate operand is treated as a negative integer
between -1 and -16. Its internal form is a two’s complement,
sign-extended 16-bit number.
4.2.6 INSTRUCTION COUNTER RELATIVE (ICR)
This addressing mode is used for 16-bit branch
instructions. The contents of the instruction counter minus two
(the address of the current instruction) is added to the sign-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com