Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS281 Datasheet(PDF) 42 Page - Dynex Semiconductor

Part # MAS281
Description  MIL-STD-1750A Microprocessor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MAS281 Datasheet(HTML) 42 Page - Dynex Semiconductor

Back Button MAS281 Datasheet HTML 38Page - Dynex Semiconductor MAS281 Datasheet HTML 39Page - Dynex Semiconductor MAS281 Datasheet HTML 40Page - Dynex Semiconductor MAS281 Datasheet HTML 41Page - Dynex Semiconductor MAS281 Datasheet HTML 42Page - Dynex Semiconductor MAS281 Datasheet HTML 43Page - Dynex Semiconductor MAS281 Datasheet HTML 44Page - Dynex Semiconductor MAS281 Datasheet HTML 45Page - Dynex Semiconductor MAS281 Datasheet HTML 46Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 55 page
background image
MAS281
42/55
NO.
Parameter
Test Condition
Min.
Max.
Units
(notes 1 & 9)
(note 2)
(note 2)
31
SYNC lo to DMAK valid
Load 1
-
50
ns
32
DMAK valid after SYNC lo
Load 1
5
-
ns
33
DMAK lo to DD lo
Load 1
-
30
ns
34
DMAK hi to DD hi
Load 1
-
30
ns
35
DMAK lo to CD lo
Load 1
-
30
ns
36
DMAK hi to CD hi
Load 1
-
30
ns
37
DMAK lo to AD Bus Hi-Z (note 7)
Load 2
-
70
ns
38
DMAK hi to AD Bus valid (note 10) Load 2
-
60
ns
39
DMAK lo to AS, DS, M/IO, RD/W,
IN/OP Hi-Z (note 7)
Load 2
-
50
ns
40
DMAK hi to AS, DS, M/IO,
RD/W, IN/OP valid (note 10)
Load 2
-
59
ns
41
HOLD set up to SYNC lo
40
-
ns
42
HOLD hold after SYNC lo
15
-
SYNC
43
SYNC lo to HLDAK valid
Load 1
-
20
ns
44
HLDAK valid after SYNC lo
Load 1
-7
-
ns
45
HLDAK lo to DD lo
Load 1
-
50
ns
46
HLDAK hi to DD hi
Load 1
-
50
ns
47
HLDAK lo to CD lo
Load 1
-
50
ns
48
HLDAK hi to CD hi
Load 1
-
50
ns
49
HLDAK lo to AD Bus Hi-Z
(Hold) (notes 7 & 10))
Load 2
-
60
ns
50
HLDAK hi to AD bus
valid (note 10)
Load 2
-
50
ns
51
HLDAK to AS, DS, M/IO,
RD/W, IN/OP Hi-Z (notes 7 & 10)
Load 2
-
30
ns
52
HLDAK to AS, DS, M/IO,
RD/W, IN/OP valid (note 10)
Load 1
-
30
ns
53
Interrupts set up to SYNC lo
20
-
ns
54
Interrupts hold after SYNC lo
10
-
ns
55
Faults setup to SYNC lo
20
-
ns
56
Faults hold after SYNC lo
15
-
ns
57
SYNC lo to SURE, NPU valid
Load 1
-
50
ns
58
SYNC hi to CONFW valid
Load 1
-
75
ns
59
TCLK lo to ILLAD lo (Bus timeout)
(note 10)
Load 1
-
75
ns
60
SYNC lo to ILLAD hi (Bus timeout)
(note 10)
Load 1
-
75
ns
Notes:
1. Unless otherwise noted, test conditions are as follows: OSC duty cycle = 50%, input rise and fall tlme < 5ns, timing
measured from 50% of VDD points.
2. t = 1 OSC period. O 5t implies a 50% OSC duty cycle; fractional t's may be adjusted to reflect actual OSC duty cycle.
7. Measured to pre-Hi-Z steady state
±10% of VDD.
9. Output references SYNC, DMAK, and HLDAK drive into load 1.
10. Guaranteed by component LSI testing: not measured on microprocessor module.
Table 10: Timing Parameters (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com