Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS281 Datasheet(PDF) 10 Page - Dynex Semiconductor

Part # MAS281
Description  MIL-STD-1750A Microprocessor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MAS281 Datasheet(HTML) 10 Page - Dynex Semiconductor

Back Button MAS281 Datasheet HTML 6Page - Dynex Semiconductor MAS281 Datasheet HTML 7Page - Dynex Semiconductor MAS281 Datasheet HTML 8Page - Dynex Semiconductor MAS281 Datasheet HTML 9Page - Dynex Semiconductor MAS281 Datasheet HTML 10Page - Dynex Semiconductor MAS281 Datasheet HTML 11Page - Dynex Semiconductor MAS281 Datasheet HTML 12Page - Dynex Semiconductor MAS281 Datasheet HTML 13Page - Dynex Semiconductor MAS281 Datasheet HTML 14Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
MAS281
10/55
memory fault; bit 5 is set if it goes low during an l/O fault. As
with MPROEN, either condition immediately sets pending
interrupt level 1 and causes the currently executing MIL-STD-
1750A instruction to be aborted .
2.2.35 PROGRAMMED I/O TRANSFER ERROR (PIOXE)
A low on this active low input, captured by the SYNCN
high-to-low transition, is used to inform the module that a
programmed l/O data transfer error has been detected. Bit 6 of
the module Fault Register (FT) is set when this signal goes
low. This, in turn, causes pending interrupt level 1 to be set.
2.2.36 FAULT #7 (FLT7)
A low on this active low input, captured by the SYNCN
high-to-low transition, sets bit 7 of the Fault Register (FT). This
is a user definable fault.
2.2.37 SYSTEM FAULT (SYSF)
A low on this active low input, captured by the SYNCN
high-to-low transition, sets bits 13 and 15 of the Fault Register
(FT). This is a user definable fault.
2.2.38 ILLEGAL ADDRESS (ILLAD)
This active low output drops low if the EXADEN input drops
low or if the bus fault timeout circuit causes an interface
timeout.
2.2.39 MICROCODE STOP (MSTOP)
MSTOPN allows microcode to be single-stepped and is
reserved for use by GEC Plessey Semiconductors. MSTOPN
must be pulled up to VDD in customer applications.
2.2.40 ROM ONLY (ROMONLY)
ROMONLYN is used for testing by GEC Plessey
Semiconductors and must be pulled up to VDD in customer
applications.
3.0 OPERATING MODES
MAS281 operating modes include: (1) initialisation, (2)
instruction execution, (3) interrupt servicing, (4) fault servicing,
(5) DMA support, (6) Hold support, and (7) timer operations.
3.1 INITIALISATION
The module executes a microcoded initialisation routine in
response to a hardware reset. This routine clears module
registers, disables and masks interrupts, reads the
configuration register, resets the output discrete register (if
implemented), initialises the MMU and BPU (if implemented),
performs Built-ln-Test (BIT), raises the Start-Up ROM enable
discrete, clears and starts timers A and B, resets the trigger-go
counter, and loads the instruction pipeline. Table 2
summarises the resulting initialisation state, and Table 3
provides a detailed breakdown of the initialisation sequence.
BIT consists of five subroutines, as outlined in table 4, and
begins by pulling NPU low. This is the first time after reset that
NPU is guaranteed low. If all five subroutines execute
successfully, NPU is raised high. If any part of BIT fails, an
error code identifying the failed subroutine is loaded into the
Fault Register (FT), BIT is aborted, and NPU is left in the low
state. Table 4 defines the coding of BIT results in FT. In the
event of such a failure, the resulting module reset state will be
dependent on where in BIT the error occurred and may not be
the same as that shown in Table 2. A BIT failure indication in
FT will set the level 1 interrupt request bit of the Pending
Interrupt (Pl) register. Since initialisation disables and masks
interrupts, this interrupt request will not be asserted .
The last action performed by the initialisation routine is to
load the instruction pipeline. Instruction fetches start at
memory location zero and will be from the Start-Up ROM if
implemented. Whether BIT passes or not, the processor will
begin instruction execution at this point.The system start-up
code may include a routine to enable and unmask interrupts in
order to detect and respond to a BIT failure.
[NOTE: To complete initialisation and pass BIT, interrupt
and fault inputs must be high for the duration of the
initialisation routine. Also, timers A and B must be clocked
during this interval, i.e., TCLK must be applied.]
MAS281
Instruction Counter (IC)
Zeroed
Status Word (EU and MMU) (SW) Zeroed
Fault (FT)
Zeroed
Pending Interrupt (PI)
Zeroed
Mask (MK)
Zeroed
Interrupts
Disabled
DMA Access
Disabled
Timer A
Reset and Started
Timer B
Reset and Started
Trigger-Go Timer
Reset and Started
MMU
Page Registers
Group 0 Enabled
AL, W, E Fields
Zeroed
PPA Field
Logical to Physical
Map
BPU
Write Protect
Zeroed
Global Memory Protect
Enabled
Table 2: Initialisation State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com