Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS281 Datasheet(PDF) 9 Page - Dynex Semiconductor

Part # MAS281
Description  MIL-STD-1750A Microprocessor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MAS281 Datasheet(HTML) 9 Page - Dynex Semiconductor

Back Button MAS281 Datasheet HTML 5Page - Dynex Semiconductor MAS281 Datasheet HTML 6Page - Dynex Semiconductor MAS281 Datasheet HTML 7Page - Dynex Semiconductor MAS281 Datasheet HTML 8Page - Dynex Semiconductor MAS281 Datasheet HTML 9Page - Dynex Semiconductor MAS281 Datasheet HTML 10Page - Dynex Semiconductor MAS281 Datasheet HTML 11Page - Dynex Semiconductor MAS281 Datasheet HTML 12Page - Dynex Semiconductor MAS281 Datasheet HTML 13Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
MAS281
9/55
2.2.23 TRIGGER-GO CLOCK (TGCLK)
This clock input is used by the internal 16-bit trigger-go
counter. The trigger-go counter counts at the same frequency
as TGCLK.
2.2.24 TRIGGER-GO DISCRETE (TGO)
This active low output goes low whenever the trigger-go
counter overflows, i e., the counter rolls over to 0000. It returns
to the high state when the trigger-go counter is reset by
software via the GO XIO command.
2.2.25 DISABLE TIMER (DTIMER)
A low on this active low input disables timers A and B as
well as the trigger-go counter. A low also disables DMA access
by forcing DMAE low and DMAKN high. Raising DTIMERN
allows timers A and B and the trigger-go counter to resume
counting from the value at which they were stopped. A high
also allows normal DMA operation.
2.2.26 DISABLE TIMEOUT (DTO)
A low on this active low input will reset and disable the bus
fault timeout circuitry.
2.2.27 POWER DOWN INTERRUPT (PWRD)
A low on this active low input is captured in the Pl register
by a SYNCN high-to-low transition. This sets pending interrupt
0. This is the highest priority interrupt and cannot be masked or
disabled.
2.2.28 USER INTERRUPTS (INT02,08,10,11,13 AND 15)
A low on any of these active low inputs will be captured in
the Pl register by a SYNCN high-to-low transition and will set
pending interrupt levels 2, 8, 10, 11, 13, and 15, respectively.
Level 2 is the highest priority user level while level 15 is the
lowest priority. These interrupts are maskable and can be
disabled. Unused inputs should be pulled up to VDD.
[NOTE: The INTO2 service routine should clear the PI
Register using the RPI 0002 instruction.]
2.2.29 I/0 DEDICATED INTERRUPTS (IOI1 & IOI2)
A low on either IOI1N or IOI2N will be captured in the Pl
register by a SYNCN high-to-low transition and will set pending
interrupt levels 12 and 14, respectively. Unused inputs should
be pulled up to VDD.
[NOTE: Interrupt levels 1, 3, 4, 5, 6, 7, and 9 are dedicated
to internal machine interrupts.]
2.2.30 MEMORY PROTECT ERROR (MPROE)
A low on this active low input, captured by the SYNCN
high-to-low transition, is used to inform the module that an
access fault, execute protect, or write protect violation has
been detected. Bit O of the module Fault Register (FT) is set if
this signal goes low during a memory cycle; bit 1 is set if it goes
low during a DMA cycle. Either condition immediately sets
pending interrupt level 1 and in the case of a memory cycle
error, causes the currently executing MIL-STD-1750A
instruction to be aborted.
Although the MAS281 aborts the macroinstruction, system
memory management, and / or block protect hardware is
responsible for preventing the erroneous bus cycle from
accessing memory. To effectively use this feature, MPROEN
should be pulled low prior to the high-to-low SYNCN transition
of the next machine cycle. This can easily be accomplished by
injecting wait states to hold off the DSN rising edge (write
cycle) and the SYNCN falling edge (read cycle) until the
system protection circuitry can decide whether or not to allow
the transaction.
2.2.31 MEMORY PARITY ERROR (MPE)
A low on this active low input, captured by the SYNCN
high-to-low transition, is used to inform the module that a parity
error has been detected during a memory transfer. Bit 2 of the
module Fault Register (FT) is set when this signal goes low.
This, in turn, causes pending interrupt level 1 to be set.
2.2.32 PROGRAMMED I/O PARITY ERROR (PIOPE)
A low on this active low input, captured by the SYNCN
high-to-low transition, is used to inform the module that a parity
error has been detected during an external l/O transfer. Bit 3 of
the module Fault Register (FT) is set when this signal goes
low. This, in turn, causes pending interrupt level 1 to be set.
2.2.33 DMA PARITY ERROR (DMAPE)
A low on this active low input, captured by the SYNCN
high-to-low transition, is used to inform the module that a parity
error has been detected during a DMA data transfer. Bit 4 of
the module Fault Register (FT) is set when this signal goes low
This, in turn, causes pending interrupt level 1 to be set.
2.2.34 EXTERNAL ADDRESS ERROR (EXADE)
A low on this active low input, captured by the SYNCN
high-to-low transition, is used to inform the module that a
system address error has been detected. Bit 8 of the module
Fault Register (FT) is set when this signal goes low during a
Bit
Device
15
Console
14
MMU
13
BPU
12
Output Discrete Register
11-0
Unused
Table 1: Configuration Register Bit Assignment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com