Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS281 Datasheet(PDF) 11 Page - Dynex Semiconductor

Part # MAS281
Description  MIL-STD-1750A Microprocessor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MAS281 Datasheet(HTML) 11 Page - Dynex Semiconductor

Back Button MAS281 Datasheet HTML 7Page - Dynex Semiconductor MAS281 Datasheet HTML 8Page - Dynex Semiconductor MAS281 Datasheet HTML 9Page - Dynex Semiconductor MAS281 Datasheet HTML 10Page - Dynex Semiconductor MAS281 Datasheet HTML 11Page - Dynex Semiconductor MAS281 Datasheet HTML 12Page - Dynex Semiconductor MAS281 Datasheet HTML 13Page - Dynex Semiconductor MAS281 Datasheet HTML 14Page - Dynex Semiconductor MAS281 Datasheet HTML 15Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
MAS281
11/55
Label
Cycle
MAIN
B 1
1. Enable Control of DMAE Output signal
P
2. -
B1
3. Clear MAS281 Execution Unit Status Word (SW)
Clear Interrupt Mask (MK) (Internal l/O command, SKM 2000H)
B1
4. Clear Pending Interrupt Register (Pl) and Fault Register (FT) (Internal l/O Command, CLIR,2001 H)
Clear Instruction Counter (IC)
P
5. -
B1
6. Disable Interrupts (Internal l/O Command, DSBL,2003H)
P
7. -
B1
8. Clear MMU Status Word (Internal l/O Command, WSW, 200EH) (Note 1)
P
9. -
B1
10. Disable DMA Access (lnternal l/O Command, DMAD, 4007H)
P
11. -
B1
12. Read Configuration Register (Internal l/O Command, RCW, 8400H, CONFWN Drops low per Figure 25,
Section 5.0)
P
13. -
P
14. -
B2
15. - (If Output Discrete Register Present, then Continue; Else, Skip to 18.)
P
(16). -
I/O
(17). Clear Output Discrete Register (External l/O Command)
P
18. -
B2
19. - (If BPU present, then Branch to BPU; else, continue)
P
20. -
B2
21. - (If MMU present, then Branch to MMU, Else, Continue)
P
22. - (Setup Temporary Register to indicate No MMU Present)
B2
23. - (Branch to MAS281 BIT)
P
24. -
B1
25 Enable Start-Up ROM (Internal l/O Command, ESUR,4004H; SURE Raises High per Figure 25,
Section 5.0)
P
26. -
B1
27. Clear and Start Timer A (Internal l/O Command, OTA,400AH)
B1
28. Reset the Trigger-Go timer (mternal l/O Command, GO,400BH)
P
29. -
B1
30. Clear and Start Timer B (Internal l/O Command, OTB,400EH)
B2
31. - (Branch to Load Instruction Pipeline Routine)
M
32. Load data-ln register (Dl) and instruction Register A (IA) from [IC] Increment IC
M
33. Load Data-ln Register (Dl) and Instruction Register a (IA) from [IC] ([lA] Moves to IB), Increment IC,
Map Instruction Register B (IB) into Mlcrocode Routine
BPU
P
(1). -
P
(2). - (Set Loop to Clear Memory Protect RAM)
I/O
(3). Clear a Location in MPRAM (Internal l/O Command, LMP,50XXH), Increment Address, Do 128 Times
(4). - (Branch Back to 20 )
MMU
P
(1). -
P
(2). -
P
(3). - (Setup Loop to Load Instructlon Page Registers (IPR) and Operand Page Registers (OPR) with
Sequential Values of 0 to 255)
P
(4). -
P
(5). -
I/O
(6). Load a Location in the IPR wlth the value of the Location Address (Internal l/O Command, WIPR,
51 XYH)
I/O
(7). Load a Location in the OPR Increment Loaded Value with the Value of the Location Address (Internal
I/O Command. WOPR,52XYH)
P
(8). - (Increment IPR Address)
P
(9). - (Increment OPR Address- Repeat Loop 14 - 9 1256 Times)
B2
(10). - (Setup Temporary Register to Indlcate MMU Present; Branch back to 23)
Notes:
1.
This operation is performed whether or not an MMU is present.
2.
“-” indicates internal CPU operation
3.
Sequence numbers in “( )” are performed only under the stated conditions.
4.
Each step enumerated above represents a single machine (SYNC) cycle of the type shown in the “Cycle” column.
“P” indicates a 5 OSC cycle,60% duty cycle, machine cycle.
“I/O” and “M” Indicate a 5 OSC cycle,50% duty cycle, machine cycle.
“B1” indicates a 6 OSC cycle 50% duty cycle machine cycle.
“B2” indicates a 6 OSC cycle 66% duty cycle machine cycle
Table 3: MAS281 Initialisation Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com