Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS281 Datasheet(PDF) 41 Page - Dynex Semiconductor

Part # MAS281
Description  MIL-STD-1750A Microprocessor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MAS281 Datasheet(HTML) 41 Page - Dynex Semiconductor

Back Button MAS281 Datasheet HTML 37Page - Dynex Semiconductor MAS281 Datasheet HTML 38Page - Dynex Semiconductor MAS281 Datasheet HTML 39Page - Dynex Semiconductor MAS281 Datasheet HTML 40Page - Dynex Semiconductor MAS281 Datasheet HTML 41Page - Dynex Semiconductor MAS281 Datasheet HTML 42Page - Dynex Semiconductor MAS281 Datasheet HTML 43Page - Dynex Semiconductor MAS281 Datasheet HTML 44Page - Dynex Semiconductor MAS281 Datasheet HTML 45Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 55 page
background image
MAS281
41/55
8.0 TIMING PARAMETERS
NO.
Parameter
Test Condition
Min.
Max.
Units
(notes 1 & 9)
(note 2)
(note 2)
1
RESET setup to SYNC lo (note 3)
-
30
ns
2
RESET hold after SYNC lo (note 3)
-
15
ns
3
RESET hi to RESET lo (note 3)
2
-
SYNC
4
OSC hi to SYNC lo
Load 1
10
40
ns
5
OSC hi to SYNC hi
Load 1
10
40
ns
6
SYNC lo to SYNC lo (notes 4 & 5)
Load 1
5T - 2
5T + 2
ns
7
SYNC lo to AS hi (note 6)
Load 1
1T - 10
1T + 5
ns
8
SYNC lo to AS lo
Load 1
2.5T - 10
2.5T + 15
ns
9
SYNC lo to DS lo (read)
Load 1
3T - 5
3T + 20
ns
10
SYNC lo to DS hi (read)
Load 1
10
30
ns
11
SYNC lo to DS lo (write)
Load 1
3T - 5
3T + 22
ns
12
SYNC lo to DS hi (write) (note 5)
Load 1
4.5T -5
4.5T + 10
ns
13
SYNC lo to DD lo
Load 1
3 T + 20
3T + 60
ns
14
SYNC lo to DD hi
Load 1
20
60
ns
15
SYNC lo to Address valid
Load 2
-
68
ns
16
Address valid after SYNC lo
Load 2
3T + 15
-
ns
17
SYNC lo to AD Bus Hi-Z (read)
(notes 7 & 10)
Load 2
-
3T + 50
ns
18
SYNC lo to AD Bus active(read) (note 10) Load 2
15
-
ns
19
SYNC lo to Data valid (write)
Load 2
-
3T + 45
ns
20
Data valid after SYNC lo (write)
Load 2
12
-
ns
21
Data set up to SYNC lo (read)
20
-
ns
22
Data hold after SYNC lo (read) (note 8)
Load 2
0
-
ns
23
SYNC lo to M/IO, RD/VV, IN/OP valid
Load 1
-
70
ns
24
M/IO, RD/WN, IN/OP valid after SYNC lo Load 1
5
-
ns
25
RDY setup to OSC lo
15
-
ns
26
RDY hold after OSC lo
5
-
ns
27
SYNC lo to DMAE valid
Load 1
-
75
ns
28
DMAE valid after SYNC lo
Load 1
5
-
ns
29
DMAR setup to SYNC lo
20
-
ns
30
DMAR hold after SYNC lo
10
-
ns
NOTES:
Mil-Std-883, method 5005, subgroups 9, 10, 11
1. Unless otherwise noted, test condltions are as follows: OSC duty cycle = 50%, input rise and fall time < 5ns, timing
measured from 50% of VDD points.
2. t = 1 OSC period. 0.5t implies a 50% OSC duty cycle; fractional t’s may be adjusted to reflect actual OSC duty cycle.
3. Data obtained by characterisation or analysis, is not routinely measured.
4. Add 1t for potential branch cycle.
5. Add 1t for internal XIO cycle; nt for n memory wait states.
6. Excluding DMA or HOLD conditions.
7. Measured to pre-Hi-Z steady state
± 10% of VDD.
8. Measurement minus 1x10-7 in [1-(VlL-0 5/VDD-0.5)] nsecs.
9. Output references SYNC, DMAK, and HLDAK drive into load 1.
10. Guaranteed by component LSI testing: not measured on microprocessor module.
Table 10. Timing Parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com