Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS281 Datasheet(PDF) 23 Page - Dynex Semiconductor

Part # MAS281
Description  MIL-STD-1750A Microprocessor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MAS281 Datasheet(HTML) 23 Page - Dynex Semiconductor

Back Button MAS281 Datasheet HTML 19Page - Dynex Semiconductor MAS281 Datasheet HTML 20Page - Dynex Semiconductor MAS281 Datasheet HTML 21Page - Dynex Semiconductor MAS281 Datasheet HTML 22Page - Dynex Semiconductor MAS281 Datasheet HTML 23Page - Dynex Semiconductor MAS281 Datasheet HTML 24Page - Dynex Semiconductor MAS281 Datasheet HTML 25Page - Dynex Semiconductor MAS281 Datasheet HTML 26Page - Dynex Semiconductor MAS281 Datasheet HTML 27Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 55 page
background image
MAS281
23/55
Operation
Op Code/Ext
Mnemonic
Format
Cycles *
LOGICAL
Inclusive Logical OR
E1
ORR
R
1
0
0
3X
ORB
B
2
1
0
4X F
ORBX
BX
2
1
0
E0
OR
D, DX
3
0
0
4A 8
ORIM
IM
2
0
0
Logical AND
E3
ANDR
R
1
0
0
3X
ANDB
B
2
1
0
4X E
ANDX
BX
2
1
0
E2
AND
D, DX
3
0
0
4A 7
ANDM
IM
2
0
0
Exclusive Logical OR
E5
XORR
R
1
0
0
E4
XOR
D, DX
3
0
0
4A 9
XORM
IM
2
0
0
Logical NAND
E7
NR
R
1
1
0
E6
N
D, DX
3
1
0
4A B
NIM
IM
2
1
0
Set Bit
51
SBR
R
1
0
0
50
SB
D, DX
4
1
0
52
SBI
I, IX
5
2
0
Reset Bit
54
RBR
R
1
1
0
53
RB
D, DX
4
1
0
55
RBI
I ,IX
5
2
0
Test Bit
57
TBR
R
1
0
0
56
TB
D, DX
3
0
0
58
TBI
I, IX
4
1
0
Test and Set Bit
59
TSB
D,DX
4
0
2
Set Variable Bit in Register
5A
SVBR
R
1
0
1
Reset Variable Bit in Register
5C
RVBR
R
1
1
1
Test Variable Bit in Register
5E
TVBR
R
1
0
1
Store Register Through Mask
97
SRM
D,DX
4
3
0
BYTE
Load From Upper Byte
8B
LUB
D,DX
3
0
0
8D
LUBI
I,IX
4
1
0
Load From Lower Byte
8C
LLB
D DX
3
1
0
8E
LLBI
I, IX
4
2
0
Store Into Upper Byte
9B
STUB
D,DX
4
1
0
9D
SUB I
I, IX
5
3
0
Store Into Lower Byte
9C
STLB
D,DX
4
1
0
9E
SLBI
I,IX
5
2
0
Exchange Bytes in Register
EC
XBR
S
1
0
1
* M = memory, P = processor (5 OSC cycles), B = processor (6 OSC cycles).
Table 7a: Instruction Summary (continued)
MP
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com